Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRA752ABC Fiches technique(PDF) 29 Page - Texas Instruments

No de pièce DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Fiches technique(HTML) 29 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 25Page - Texas Instruments DRA752ABC Datasheet HTML 26Page - Texas Instruments DRA752ABC Datasheet HTML 27Page - Texas Instruments DRA752ABC Datasheet HTML 28Page - Texas Instruments DRA752ABC Datasheet HTML 29Page - Texas Instruments DRA752ABC Datasheet HTML 30Page - Texas Instruments DRA752ABC Datasheet HTML 31Page - Texas Instruments DRA752ABC Datasheet HTML 32Page - Texas Instruments DRA752ABC Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 443 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
29
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
74x [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE [10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
R4
gpmc_a9
gpmc_a9
0
O
PD
PD
15
1.8/3.3
vddshv10
Yes
Dual
Voltage
LVCMOS
PU/PD
vin3a_vsync0
2
I
0
vout3_vsync
3
O
vin4b_vsync1
6
I
0
timer11
7
IO
spi4_d1
8
IO
0
gpio1_31
14
IO
Driver off
15
I
M6
gpmc_ad0
gpmc_ad0
0
IO
OFF
OFF
15
1.8/3.3
vddshv10
Yes
Dual
Voltage
LVCMOS
PU/PD
0
vin3a_d0
2
I
0
vout3_d0
3
O
gpio1_6
14
IO
sysboot0
15
I
M2
gpmc_ad1
gpmc_ad1
0
IO
OFF
OFF
15
1.8/3.3
vddshv10
Yes
Dual
Voltage
LVCMOS
PU/PD
0
vin3a_d1
2
I
0
vout3_d1
3
O
gpio1_7
14
IO
sysboot1
15
I
J1
gpmc_ad10
gpmc_ad10
0
IO
OFF
OFF
15
1.8/3.3
vddshv10
Yes
Dual
Voltage
LVCMOS
PU/PD
0
vin3a_d10
2
I
0
vout3_d10
3
O
gpio7_28
14
IO
sysboot10
15
I
J2
gpmc_ad11
gpmc_ad11
0
IO
OFF
OFF
15
1.8/3.3
vddshv10
Yes
Dual
Voltage
LVCMOS
PU/PD
0
vin3a_d11
2
I
0
vout3_d11
3
O
gpio7_29
14
IO
sysboot11
15
I
H1
gpmc_ad12
gpmc_ad12
0
IO
OFF
OFF
15
1.8/3.3
vddshv10
Yes
Dual
Voltage
LVCMOS
PU/PD
0
vin3a_d12
2
I
0
vout3_d12
3
O
gpio1_18
14
IO
sysboot12
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More