| Moteur de recherche de fiches techniques de composants électroniques |
|
DRA752ABC Fiches technique(PDF) 82 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA752ABC Fiches technique(HTML) 82 Page - Texas Instruments |
|
82 / 443 page ![]() Copyright © 2015–2019, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744 82 DRA756, DRA755, DRA754, DRA752 DRA751, DRA750, DRA746, DRA745, DRA744 SPRS950F – DECEMBER 2015 – REVISED MAY 2019 www.ti.com Table 4-3. Multiplexing Characteristics (continued) ADDRESS REGISTER NAME BALL NUMBER MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0]) 0 1 2 3 4 5 6 7 8 9 10 14 15 W20 ddr1_d17 AF14 rtc_iso AA27 ddr1_dqm3 AF25 ddr1_d0 AF23 ddr1_d6 AG18 hdmi1_data1x AG10 sata1_txn0 AF20 ddr1_rasn V26 ddr1_dqm_ec c V20 ddr1_d16 G25 ddr2_d1 AH13 pcie_rxp0 AC18 ddr1_casn AG9 sata1_rxp0 AH23 ddr1_csn0 AE11 usb2_dp R25 ddr2_a0 Y24 ddr1_d28 AH15 ljcb_clkn AD20 ddr1_a0 AA25 ddr1_d30 L23 ddr2_d19 AA1 mlbp_dat_p AD14 rtc_osc_xo J25 ddr2_d13 AC25 ddr1_d13 AB23 ddr1_dqm1 U22 ddr2_a15 T22 ddr2_a13 AH19 hdmi1_data2y M26 ddr2_d31 AB27 ddr1_d22 AG14 pcie_txn0 Y28 ddr1_dqs3 J20 ddr2_d23 AB19 ddr1_a3 AH10 sata1_txp0 G28 ddr2_dqs0 |