Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D820LP Fiches technique(PDF) 6 Page - Intel Corporation

No de pièce D820LP
Description  Desktop Boards
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

D820LP Fiches technique(HTML) 6 Page - Intel Corporation

Back Button D820LP Datasheet HTML 2Page - Intel Corporation D820LP Datasheet HTML 3Page - Intel Corporation D820LP Datasheet HTML 4Page - Intel Corporation D820LP Datasheet HTML 5Page - Intel Corporation D820LP Datasheet HTML 6Page - Intel Corporation D820LP Datasheet HTML 7Page - Intel Corporation D820LP Datasheet HTML 8Page - Intel Corporation D820LP Datasheet HTML 9Page - Intel Corporation D820LP Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
D820LP SPECIFICATION UPDATE
vi
PREFACE
This document is an update to the specifications contained in the Intel® Desktop Board D820LP Technical
Product Specification (Order number A15751). It is intended for hardware system manufacturers and
software developers of applications, operating systems, or tools. It will contain Specification Changes,
Errata, Specification Clarifications, and Documentation Changes.
Refer to the
Pentium ® III Processor Specification Update (Order number 244453) for specification updates
concerning the Pentium III processor. Items contained in the
Pentium III Processor Specification Update that
either do not apply to the D820LP desktop board or have been worked around are noted in this document.
Otherwise, it should be assumed that any processor errata for a given stepping are applicable to the PBA
revision(s) associated with that stepping.
Refer to the
Intel ® Celeron™ Processor Specification Update (Order number 243748) for specification
updates concerning the Intel Celeron processor. Items contained in the
Intel Celeron Processor Specification
Update that either do not apply to the Desktop Board D820LP or have been worked around are noted in this
document. Otherwise, it should be assumed that any processor errata for a given stepping are applicable to
the PBA revision(s) associated with that stepping.
Refer to the
Intel ® 82820 Chipset: 82820 Memory Controller Hub (MCH) Specification Update (Order Number
290630) for specification updates concerning the 82820 MCH Controller. Items contained in the
82820 MCH
Specification Update that either do not apply to the D820LP desktop board or have been worked around are
noted in this document. Otherwise, it should be assumed that any MCH errata for a given stepping are
applicable to the PBA revision(s) associated with that stepping.
Refer to the
Intel ® 82801 I/O Controller Hub (ICH) Specification Update (Order Number 290677) for
specification updates concerning the 82801 I/O Controller Hub. Items contained in the
Intel 82801 ICH
Specification Update that either do not apply to the D820LP desktop board or have been worked around are
noted in this document. Otherwise, it should be assumed that any ICH errata for a given stepping are
applicable to the Printed Board Assembly (PBA) revision(s) associated with that stepping.
Refer to the
Intel ® 82802 Firmware Hub (FWH) Specification Update (Order Number TBD) for specification
updates concerning the 82802 Firmware Hub. Items contained in the
Intel 82802 FWH Specification Update
that either do not apply to the D820LP desktop board or have been worked around are noted in this
document. Otherwise, it should be assumed that any ICH errata for a given stepping are applicable to the
Printed Board Assembly (PBA) revision(s) associated with that stepping.
Nomenclature
Specification Changes are modifications to the current published specifications. These changes will be
incorporated in the next release of the specifications.
Errata are design defects or errors. Characterized errata may cause the D820LP desktop board’s behavior
to deviate from published specifications. Hardware and software designed to be used with any given Printed
Board Assembly (PBA) and BIOS revision level must assume that all errata documented for that PBA and
BIOS revision level are present on all desktop boards.
Specification Clarifications describe a specification in greater detail or further highlight a specification’s
impact to a complex design situation. These clarifications will be incorporated in the next release of the
specifications.
Documentation Changes include typos, errors, or omissions from the current published specifications.
These changes will be incorporated in the next release of the specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17