Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D820LP Fiches technique(PDF) 9 Page - Intel Corporation

No de pièce D820LP
Description  Desktop Boards
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

D820LP Fiches technique(HTML) 9 Page - Intel Corporation

Back Button D820LP Datasheet HTML 5Page - Intel Corporation D820LP Datasheet HTML 6Page - Intel Corporation D820LP Datasheet HTML 7Page - Intel Corporation D820LP Datasheet HTML 8Page - Intel Corporation D820LP Datasheet HTML 9Page - Intel Corporation D820LP Datasheet HTML 10Page - Intel Corporation D820LP Datasheet HTML 11Page - Intel Corporation D820LP Datasheet HTML 12Page - Intel Corporation D820LP Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
D820LP SPECIFICATION UPDATE
3
GENERAL INFORMATION
Basic Intel® Desktop Board D820LP Identification Information
AA Revision
PBA Revision
BIOS Revision
Notes
A14723-400
A14724-400
VC82010A.86A.0023.P09
1-7
A14723-402
A14724-402
VC82010A.86A.0031.P11
1-7
A14723-403
A14724-403
VC82010A.86A.0035.P15
1-7
NOTES:
1.
The PBA number or AA number is found on a small label on the component side of the board.
2.
The 82820 Chipset kit used on this PBA revision consists of three components as follows:
Device
Stepping
S-Spec Numbers
82820 MCH
B2
SL47D
82801AA ICH
A3
SL3Z2
82802AB FWH
A0
SB48
3.
The following errata are contained in the
Pentium ® III Processor Specification Update (Order Number 244453) for the
Pentium III processor and either do not apply to the Desktop Board D820LP or have been worked-around in this PBA
and/or BIOS revision: 2. All other errata associated with the processor apply to this PBA revision.
4.
The following errata are contained in the
Intel ® Celeron™ Processor Specification Update (Order Number 243748) for the
Celeron processor and either do not apply to the Desktop Board D820LP or have been worked-around in this PBA and/or
BIOS revision: None. All other errata associated with the processor apply to this PBA revision.
5.
The following items are contained in the
Intel ® 82820 Memory Controller Hub (MCH) Specification Update (Order
Number 290630) and either do not apply to the Desktop Board D820LP or have been worked around in this PBA and/or
BIOS revision: None, All other errata associated with the MCH apply to this PBA revision.
6.
The following items are contained in the
Intel ® 82801 I/O Controller Hub Specification Update (Order Number 290677) and
either do not apply to the Desktop Board D820LP or have been worked around in this PBA and/or BIOS revision: None.
All other errata associated with the ICH apply to this PBA revision.
7.
The following items are contained in the
Intel ® 82802 Firmware Hub Specification Update (Order Number TBD) and either
do not apply to the Desktop Board D820LP or have been worked around in this PBA and/or BIOS revision: None. All
other errata associated with the FWH apply to this PBA revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17