Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D820LP Fiches technique(PDF) 14 Page - Intel Corporation

No de pièce D820LP
Description  Desktop Boards
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

D820LP Fiches technique(HTML) 14 Page - Intel Corporation

Back Button D820LP Datasheet HTML 9Page - Intel Corporation D820LP Datasheet HTML 10Page - Intel Corporation D820LP Datasheet HTML 11Page - Intel Corporation D820LP Datasheet HTML 12Page - Intel Corporation D820LP Datasheet HTML 13Page - Intel Corporation D820LP Datasheet HTML 14Page - Intel Corporation D820LP Datasheet HTML 15Page - Intel Corporation D820LP Datasheet HTML 16Page - Intel Corporation D820LP Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
D820LP SPECIFICATION UPDATE
8
ERRATA
1.
Some SCSI Host Bus Adapters May Not Boot to The Hard Disk
Drive With a Bootable CD-ROM Drive Attached
PROBLEM: If a bootable CD-ROM is attached to the SCSI host bus adapter (HBA) and set as bootable in the
setup menu of the SCSI HBA without bootable media installed, the system may not boot to the attached hard
drive.
IMPLICATION: Users who wish to utilize a bootable SCSI CD-ROM in conjunction with a bootable hard drive
on an add-in SCSI host bus adapter may not be able to boot to the hard drive if the SCSI adapter is set to
recognize the CD-ROM as a bootable device.
WORKAROUND: Enable the CD-ROM as a bootable SCSI device only when using bootable media.
STATUS: This erratum will be fixed in a future BIOS revision.
2.
Intel® Pentium® III Processor Erratum E76
PROBLEM: For a complete description of the Pentium® III processor erratum E76, see the Pentium III
Specification Update, order number 244453 found at http://developer.intel.com/design/PentiumIII/specupdt/.
IMPLICATION: For a complete description of the Pentium III processor erratum E76, see the Pentium III
Specification Update, order number 244453 found at http://developer.intel.com/design/PentiumIII/specupdt/.
WORKAROUND: Update the D820LP desktop board with BIOS revision VC82010A.86A.0040.P17.
STATUS: This erratum was addressed in BIOS revision VC82010A.86A.0040.P17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17