Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D820LP Fiches technique(PDF) 10 Page - Intel Corporation

No de pièce D820LP
Description  Desktop Boards
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

D820LP Fiches technique(HTML) 10 Page - Intel Corporation

Back Button D820LP Datasheet HTML 6Page - Intel Corporation D820LP Datasheet HTML 7Page - Intel Corporation D820LP Datasheet HTML 8Page - Intel Corporation D820LP Datasheet HTML 9Page - Intel Corporation D820LP Datasheet HTML 10Page - Intel Corporation D820LP Datasheet HTML 11Page - Intel Corporation D820LP Datasheet HTML 12Page - Intel Corporation D820LP Datasheet HTML 13Page - Intel Corporation D820LP Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
D820LP SPECIFICATION UPDATE
4
Summary Table of Changes
The following table indicates the Specification Changes, Errata, Specification Clarifications, or Documentation
Changes which apply to the D820LP desktop board. Intel intends to fix some of the errata in a future revision
of the desktop board, and to account for the other outstanding issues through documentation or specification
changes as noted. This table uses the following notations:
CODES USED IN SUMMARY TABLE
Doc:
Document change or update that will be implemented.
Fix:
This erratum is intended to be fixed in a future revision of the desktop board,
driver, or BIOS.
Fixed:
This erratum has been previously fixed.
NoFix:
There are no plans to fix this erratum.
Shaded:
This erratum is either new or modified from the previous version of the document.
NO.
PLANS
SPECIFICATION CHANGES
1
Doc
Addition of new feature, fast booting systems with Intel® Rapid BIOS BOOT
NO.
PLANS
ERRATA
1
Fix
Some SCSI host bus adapters may not boot to the hard disk drive with a bootable
CD-ROM drive attached
2
Fixed
Intel® Pentium® III Processor Erratum E76
NO.
PLANS
DOCUMENTATION CHANGES
1
Doc
Change to description of BIOS main menu memory option
2
Doc
Change to description of Section 1.6.4, Real-Time Clock, CMOS SRAM, and Battery
3
Doc
Change to description of Section 1.5.2, Memory Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17