Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D820LP Fiches technique(PDF) 13 Page - Intel Corporation

No de pièce D820LP
Description  Desktop Boards
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

D820LP Fiches technique(HTML) 13 Page - Intel Corporation

Back Button D820LP Datasheet HTML 9Page - Intel Corporation D820LP Datasheet HTML 10Page - Intel Corporation D820LP Datasheet HTML 11Page - Intel Corporation D820LP Datasheet HTML 12Page - Intel Corporation D820LP Datasheet HTML 13Page - Intel Corporation D820LP Datasheet HTML 14Page - Intel Corporation D820LP Datasheet HTML 15Page - Intel Corporation D820LP Datasheet HTML 16Page - Intel Corporation D820LP Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
D820LP SPECIFICATION UPDATE
7
3.8.3.2 Optimization
To speed operating system availability at boot time, limit the number of
applications that load into the system tray or the task bar.
 NOTE
The Intel® Rapid BIOS Boot technology is only available with BIOS revision
VC82010A.86A.0032.P12 or later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17