Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B32521 Fiches technique(PDF) 2 Page - EPCOS

No de pièce B32521
Description  Metallized Polyester Film Capacitors (MKT)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B32521 Fiches technique(HTML) 2 Page - EPCOS

  B32521 Datasheet HTML 1Page - EPCOS B32521 Datasheet HTML 2Page - EPCOS B32521 Datasheet HTML 3Page - EPCOS B32521 Datasheet HTML 4Page - EPCOS B32521 Datasheet HTML 5Page - EPCOS B32521 Datasheet HTML 6Page - EPCOS B32521 Datasheet HTML 7Page - EPCOS B32521 Datasheet HTML 8Page - EPCOS B32521 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Typical applications
Blocking
Coupling, decoupling
Bypassing
RFI for automotive
Climatic
Max. operating temperature: 125
°C
Climatic category (IEC 60068-1:2013):
55/125/56
Construction
Dielectric: polyethylene terephthalate
(polyester, PET)
Stacked-film technology for lead spacing
5 to 15 mm (= code C, D or E in digit 7 of
ordering code)
Wound capacitor technology for lead
spacing 10 to 37.5 mm (= code N, Q or R in
digit 7 of ordering code)
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0)
Features
High pulse strength
High contact reliability
RoHS-compatible
Halogen-free capacitors available on request
AEC-Q200D compliant
Terminals
Parallel wire leads, lead-free tinned
Special lead lengths available on request
Marking
Manufacturer's logo,
rated capacitance (coded),
cap. tolerance (code letter), rated DC voltage,
date of manufacture (coded),
coded type ("1") for lead spacing 5 mm,
series and lot number for lead spacing
≥10 mm
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For notes on taping, refer to chapter
"Taping and packing".
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter
d1
±0.05
Type
1) 0.5 mm for capacitor widthw=4mm. Exception for B32521D
series.
5.0
0.5
B32529
7.5
0.5
B32520
10.0
0.61)
B32521
15.0
0.8
B32522
22.5
0.8
B32523
27.5
0.8
B32524
37.5
1.0
B32526
Metallized polyester film capacitors (MKT)
B32520 ... B32529
General purpose (stacked/wound)
Page2of44
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com