Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B32521 Fiches technique(PDF) 6 Page - EPCOS

No de pièce B32521
Description  Metallized Polyester Film Capacitors (MKT)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B32521 Fiches technique(HTML) 6 Page - EPCOS

Back Button B32521 Datasheet HTML 2Page - EPCOS B32521 Datasheet HTML 3Page - EPCOS B32521 Datasheet HTML 4Page - EPCOS B32521 Datasheet HTML 5Page - EPCOS B32521 Datasheet HTML 6Page - EPCOS B32521 Datasheet HTML 7Page - EPCOS B32521 Datasheet HTML 8Page - EPCOS B32521 Datasheet HTML 9Page - EPCOS B32521 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Ordering codes and packing units (lead spacing 5 mm)
VR
VDC
VRMS
f
≤60 Hz
VAC
CR
μF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./MOQ
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M=
±20%
K=
±10%
J=
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (standard lead length 6
1 mm)
50
32
3.3
7.8
× 13.0 × 7.8 B32529D5335+***
4000
3200
4000
4.7
7.8
× 13.0 × 7.8 B32529D5475M***
4000
3200
4000
63
40
0.0010 2.5
× 6.5 × 7.3 B32529C0102+*** 12800
11200
8000
0.0015 2.5
× 6.5 × 7.3 B32529C0152+*** 12800
11200
8000
0.0022 2.5
× 6.5 × 7.3 B32529C0222+*** 12800
11200
8000
0.0033 2.5
× 6.5 × 7.3 B32529C0332+*** 12800
11200
8000
0.0047 2.5
× 6.5 × 7.3 B32529C0472+*** 12800
11200
8000
0.0068 2.5
× 6.5 × 7.3 B32529C0682+*** 12800
11200
8000
0.010
2.5
× 6.5 × 7.3 B32529C0103+*** 12800
11200
8000
0.015
2.5
× 6.5 × 7.3 B32529C0153+*** 12800
11200
8000
0.022
2.5
× 6.5 × 7.3 B32529C0223+*** 12800
11200
8000
0.033
2.5
× 6.5 × 7.3 B32529C0333+*** 12800
11200
8000
0.047
2.5
× 6.5 × 7.3 B32529C0473+*** 12800
11200
8000
0.068
2.5
× 6.5 × 7.3 B32529C0683+*** 12800
11200
8000
0.10
2.5
× 6.5 × 7.3 B32529C0104+*** 12800
11200
8000
0.15
2.5
× 6.5 × 7.3 B32529C0154+*** 12800
11200
8000
0.22
2.5
× 6.5 × 7.3 B32529C0224+*** 12800
11200
8000
0.33
3.0
× 6.5 × 7.3 B32529C0334+*** 10800
9600
8000
0.47
3.5
× 8.0 × 7.3 B32529C0474+***
9200
8000
8000
0.68
4.5
× 9.5 × 7.3 B32529C0684+***
7200
6000
6000
1.0
4.5
× 9.5 × 7.3 B32529C0105+***
7200
6000
6000
1.5
6.0
× 10.5 × 7.5 B32529C0155+***
5200
4400
4000
2.2
7.8
× 13.0 × 7.8 B32529D0225+***
4000
3200
4000
100
63
0.0010 2.5
× 6.5 × 7.3 B32529C1102+*** 12800
11200
8000
0.0015 2.5
× 6.5 × 7.3 B32529C1152+*** 12800
11200
8000
0.0022 2.5
× 6.5 × 7.3 B32529C1222+*** 12800
11200
8000
0.0033 2.5
× 6.5 × 7.3 B32529C1332+*** 12800
11200
8000
0.0047 2.5
× 6.5 × 7.3 B32529C1472+*** 12800
11200
8000
0.0068 2.5
× 6.5 × 7.3 B32529C1682+*** 12800
11200
8000
0.010
2.5
× 6.5 × 7.3 B32529C1103+*** 12800
11200
8000
0.015
2.5
× 6.5 × 7.3 B32529C1153+*** 12800
11200
8000
B32529
General purpose (stacked)
Page6of44
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com