Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B32521 Fiches technique(PDF) 19 Page - EPCOS

No de pièce B32521
Description  Metallized Polyester Film Capacitors (MKT)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B32521 Fiches technique(HTML) 19 Page - EPCOS

Back Button B32521 Datasheet HTML 15Page - EPCOS B32521 Datasheet HTML 16Page - EPCOS B32521 Datasheet HTML 17Page - EPCOS B32521 Datasheet HTML 18Page - EPCOS B32521 Datasheet HTML 19Page - EPCOS B32521 Datasheet HTML 20Page - EPCOS B32521 Datasheet HTML 21Page - EPCOS B32521 Datasheet HTML 22Page - EPCOS B32521 Datasheet HTML 23Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
Technical data
Reference standard: IEC 60384-2:2005. AEC-Q200D compliance on request. All data given at
T=20
°C, unless otherwise specified.
Rated temperature TR
+85
°C
Operating temperature range
Max. operating temperature Top,max
+125
°C
Upper category temperature Tmax
+125
°C
Lower category temperature Tmin
55
°C
Rated temperature TR
+85
°C
Dissipation factor tan
δ (in 10-3)
at 20
°C (upper limit values)
at
CR
≤ 0.1 μF
0.1
μF<C
R
≤ 1 μF C
R >1
μF
1 kHz 8
8
10
10 kHz 15
15
100 kHz 30
Insulation resistance Rins
or time constant
τ =C
R
Rins
at 20
°C, rel. humidity ≤ 65%
(minimum as-delivered values)
VR
CR
≤ 0.33 μF
CR > 0.33
μF
≤ 100VDC
≥ 250VDC
3750 M
Ω
7500 M
Ω
1250 s
2500 s
DC test voltage
1.4
VR,2s
Category voltage VC
(continuous operation with
VDC or VAC at f
≤ 60 Hz)
Top (
°C)
DC voltage derating
AC voltage derating
Top
≤ 85
VC =VR
VC,RMS =VRMS
85<Top
≤125 V
C =VR
(165 Top)/80
VC,RMS=VRMS (165 Top)/80
Operating voltage Vop for
short operating periods
(VDC or VAC at f
≤ 60 Hz)
Top (
°C)
DC voltage (max. hours) AC voltage (max. hours)
Top
≤ 100
Vop = 1.25 VC (2000 h) Vop = 1.0 VC,RMS (2000 h)
100<Top
≤125 V
op = 1.25
VC (1000 h) Vop = 1.0 VC,RMS (1000 h)
Biased humidity
1000h/40
°C / 93% relative humidity with V
R,DC
Limit value after biased
humidity test
Capacitance change
ΔC/C
≤ 5%
Dissipation factor change
Δ tan δ≤ 5 10-3 (at 1 kHz)
Insulation resistance Rins
≥ 50% of minimum
or time constant
τ =C
R
Rins
as-delivered values
Reliability:
Failure rate
λ
1 fit (
≤ 1 10-9/h) at 0.5 V
R,40
°C
Service life tSL
200 000 h at 1.0
VR,85
°C
For conversion to other operating conditions and temperatures,
refer to chapter "Quality, 2 Reliability".
Failure criteria:
Total failure
Short circuit or open circuit
Failure due to variation
Capacitance change
ΔC/C
> 10%
of parameters
Dissipation factor tan
δ
>2
upper limit value
Insulation resistance Rins
< 150 M
Ω (C
R
≤ 0.33 μF)
or time constant
τ =C
R
Rins
<50s
(CR > 0.33
μF)
B32520 ... B32529
General purpose (stacked/wound)
Page 19 of 44
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com