Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSF0108 Fiches technique(PDF) 199 Page - Nexperia B.V. All rights reserved

No de pièce LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Fiches technique(HTML) 199 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 195Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 196Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 197Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 198Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 199Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 200Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 201Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 202Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 203Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 234 page
background image
199
D2PAK (SOT404)
D2PAK (SOT404)
Nexperia
SOT404
plastic, single-ended surface-mounted package (D2PAK); 3 terminals (one lead cropped); 2.54 mm pitch;
11 mm x 10 mm x 4.3 mm body
3. Soldering
SOT404
Footprint information for reflow soldering of D2PAK package
sot404_fr
occupied area
solder paste
solder resist (0.05 mm gap from solder land on all directions)
solder lands
Issue date
Dimensions in mm
19-09-10
19-09-11
5.40
8.075
2.15
1.50
0.30
3.00
2.25
4.60
8.35
8.15
7.95
4.85
8.275
16.35
1.55
0.20
1.30
2.54
1.20
0.30
10.50
10.60
1.50
10.85
3.10
1.70
0.20
7.50
7.40
Fig. 2. Reflow soldering footprint for D2PAK (SOT404)
SOT404
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Package information
18 September 2019
3 / 5
Nexperia
SOT404
plastic, single-ended surface-mounted package (D2PAK); 3 terminals (one lead cropped); 2.54 mm pitch;
11 mm x 10 mm x 4.3 mm body
3. Soldering
SOT404
Footprint information for reflow soldering of D2PAK package
sot404_fr
occupied area
solder paste
solder resist (0.05 mm gap from solder land on all directions)
solder lands
Issue date
Dimensions in mm
19-09-10
19-09-11
5.40
8.075
2.15
1.50
0.30
3.00
2.25
4.60
8.35
8.15
7.95
4.85
8.275
16.35
1.55
0.20
1.30
2.54
1.20
0.30
10.50
10.60
1.50
10.85
3.10
1.70
0.20
7.50
7.40
Fig. 2. Reflow soldering footprint for D2PAK (SOT404)
SOT404
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Package information
18 September 2019
3 / 5
Nexperia
SOT404
plastic, single-ended surface-mounted package (D2PAK); 3 terminals (one lead cropped); 2.54 mm pitch;
11 mm x 10 mm x 4.3 mm body
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT404
sot404_po
06-03-16
13-02-25
Unit
mm
max
nom
min
4.5
4.1
1.40
1.27
1.45
1.05
0.64
0.46
11
1.6
1.2
A
Dimensions (mm are the original dimensions)
Plastic single-ended surface-mounted package (D2PAK); 3 leads (one lead cropped)
SOT404
A1
b
0.85
0.60
b2
c
D
D1
E
e
HD
Lp
Q
2.54
15.8
14.8
2.6
2.2
10.3
9.7
2.9
2.1
0
5 mm
scale
e
e
E
b
D1
HD
D
b2
Q
Lp
c
A1
A
1
3
2
mounting
base
Fig. 1. Package outline D2PAK (SOT404)
SOT404
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Package information
18 September 2019
2 / 5
Nexperia
SOT404
plastic, single-ended surface-mounted package (D2PAK); 3 terminals (one lead cropped); 2.54 mm pitch;
11 mm x 10 mm x 4.3 mm body
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT404
sot404_po
06-03-16
13-02-25
Unit
mm
max
nom
min
4.5
4.1
1.40
1.27
1.45
1.05
0.64
0.46
11
1.6
1.2
A
Dimensions (mm are the original dimensions)
Plastic single-ended surface-mounted package (D2PAK); 3 leads (one lead cropped)
SOT404
A1
b
0.85
0.60
b2
c
D
D1
E
e
HD
Lp
Q
2.54
15.8
14.8
2.6
2.2
10.3
9.7
2.9
2.1
0
5 mm
scale
e
e
E
b
D1
HD
D
b2
Q
Lp
c
A1
A
1
3
2
mounting
base
Fig. 1. Package outline D2PAK (SOT404)
SOT404
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Package information
18 September 2019
2 / 5
occupied area
solder paste = solder lands
Dimensions in mm
solder resist
0.4
2.1
1.3
0.25
0.25 0.25
1.1
1.2
0.55
0.6
2.3
0.5 (2´)
0.5 (2´) 0.6 (2´)
0.4 (2´)
0.5
1.6
1.7
1.05
DFN2020D-3 (SOT1061D)
0.25
occupied area
solder paste
solder resist
solder lands
Issue date
Dimensions in mm
14-03-05
14-03-12
0.5 (2x)
0.5 (2x)
0.25
1
0.35 0.35
0.35
1.1
1.2
0.7 (2x)
0.6 (2x)
2.1
1.7
1.3
0.4 (2x)
0.3 (2x)
0.3
0.25
0.3
0.35
1.1
2.3
2.5
0.4
0.5
1.5
1.6
1.7
0.25
occupied area
solder paste
solder resist
solder lands
Issue date
Dimensions in mm
14-03-05
14-03-12
0.5 (2x)
0.5 (2x)
0.25
1
0.35 0.35
0.35
1.1
1.2
0.7 (2x)
0.6 (2x)
2.1
1.7
1.3
0.4 (2x)
0.3 (2x)
0.3
0.25
0.3
0.35
1.1
2.3
2.5
0.4
0.5
1.5
1.6
1.7
DFN2020D-3 (SOT1061D)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1061D
- - -
sot1061d_po
14-03-11
14-03-12
Unit
mm
max
nom
min
0.65 0.04
2.1
1.9
1.6
1.4
2.1
1.9
1.1
0.9
0.3
0.2
0.45
0.35
0.05
A(1)
Dimensions (mm are the original dimensions)
Note
1. Dimension A is including plating thickness
A1
bp
0.35
0.25
D
D1
E
E1
e
1.3
e1
Lp
v
0.1
y
y1
0.05
0
1
2 mm
scale
pin 1
index area
pin 1
index area
A
B
D
E
bp
A B
v
e
1
2
3
C
y
C
y1
detail X
A
A1
X
D1
e1
Lp
solderable lead
end, protrusion
max. 0.02 mm (3x)
visible depend upon
used manufacturing
technology (6x)
E1
3-pin SMD packages
Minimized outline drawings and reflow soldering footprint
Dimensions in mm
SC-70 (SOT323)
Dimensions in mm
SC-70 (SOT323)
solder lands
solder resist
occupied area
solder paste
sot323_fr
2.65
2.35 0.6
(3´)
0.5
(3´)
0.55
(3´)
1.325
1.85
1.3
3
2
1
Dimensions in mm
solder lands
solder resist
occupied area
solder paste
sot323_fr
2.65
2.35 0.6
(3´)
0.5
(3´)
0.55
(3´)
1.325
1.85
1.3
3
2
1
Dimensions in mm
DFN2020-3 (SOT1061)
09-11-12
Dimensions in mm
0.65
max
2.1
1.9
1.6
1.4
0.35
0.25
0.45
0.35
2.1
1.9
1.1
0.9
0.3
0.2
1.05
0.95
1.3
2
3
1
occupied area
solder paste = solder lands
Dimensions in mm
solder resist
0.4
2.1
1.3
0.25
0.25 0.25
1.1
1.2
0.55
0.6
2.3
0.5 (2´)
0.5 (2´) 0.6 (2´)
0.4 (2´)
0.5
1.6
1.7
1.05
occupied area
solder paste = solder lands
Dimensions in mm
solder resist
0.4
2.1
1.3
0.25
0.25 0.25
1.1
1.2
0.55
0.6
2.3
0.5 (2´)
0.5 (2´) 0.6 (2´)
0.4 (2´)
0.5
1.6
1.7
1.05
DFN2020-3 (SOT1061)
Images are for reference only, for detailed drawings please visit nexperia.com/packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com