Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSF0108 Fiches technique(PDF) 203 Page - Nexperia B.V. All rights reserved

No de pièce LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Fiches technique(HTML) 203 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 199Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 200Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 201Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 202Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 203Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 204Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 205Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 206Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 207Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 234 page
background image
203
TSSOP5 (SOT353)
Dimensions in mm
TSSOP5 (SOT353)
solder lands
solder resist
occupied area
solder paste
sot353_fr
0.4
0.6
0.5
(4´)
0.5
(4´)
0.6
(4´)
0.6
(4´)
2.35
2.65
0.9
0.9
0.75
0.75
Dimensions in mm
Minimized outline drawings and reflow soldering footprint
5-pin SMD packages
TSSOP5 (SOT353-1)
TSSOP5 (SOT353-1)
14-10-01
Dimensions in mm
3
4
5
2
1
1.1
2.25
1.85
0.60
0.15
0.30
0.15
1.3
0.65
2.25
2.00
1.35
1.15
0.46
0.21
0.1
0.0
0.25
0.08
solder lands
solder resist
occupied area
solder paste
sot353_fr
0.4
0.6
0.5
(4´)
0.5
(4´)
0.6
(4´)
0.6
(4´)
2.35
2.65
0.9
0.9
0.75
0.75
Dimensions in mm
TSOP5 (SOT753)
TSOP5 (SOT753)
3.0
2.5
1.7
1.3
3.1
2.7
1.1
0.9
0.26
0.10
0.40
0.25
1.9
0.95
0.6
0.2
13
2
4
5
14-10-03
Dimensions in mm
6-pin SMD packages
XSON6 (SOT1115)
XSON6 (SOT1115)
3
1
2
4
6
5
0.55
1.05
0.95
0.35
max
0.04
max
0.20
0.12
0.40
0.32
0.35
0.27
0.35
0.95
0.85
0.35
10-04-06
Dimensions in mm
SOT1115
Footprint information for reflow soldering of XSON6 package
sot1115_fr
occupied area
solder paste
solder resist
solder lands
Issue date
Dimensions in mm
10-11-05
17-03-03
0.5
(6x)
0.6
(6x)
0.95
1.4
0.14
(6x)
0.15
(6x)
0.25 (6x)
0.3
0.7
0.3
SOT1115
Footprint information for reflow soldering of XSON6 package
sot1115_fr
occupied area
solder paste
solder resist
solder lands
Issue date
Dimensions in mm
10-11-05
17-03-03
0.5
(6x)
0.6
(6x)
0.95
1.4
0.14
(6x)
0.15
(6x)
0.25 (6x)
0.3
0.7
0.3
Images are for reference only, for detailed drawings please visit nexperia.com/packages
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com