Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSF0108 Fiches technique(PDF) 196 Page - Nexperia B.V. All rights reserved

No de pièce LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Fiches technique(HTML) 196 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 192Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 193Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 194Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 195Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 196Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 197Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 198Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 199Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 200Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 234 page
background image
Nexperia selection guide 2020
196
2-pin SMD packages
Minimized outline drawings and reflow soldering footprint
Dimensions in mm
LLDS; MiniMelf (SOD80C)
06-03-16
Dimensions in mm
1.60
1.45
0.3
3.7
3.3
0.3
2.30
4.30
4.55
1.60
1.70
2.25
0.90
(2x)
solder lands
solder resist
occupied area
solder paste
Dimensions in mm
LLDS; MiniMelf (SOD80C)
CFP3 (SOD123W)
CFP3 (SOD123W)
2.9
2.8
4.4
1.6
2.1
1.2
(2´)
1.1
(2´)
solder lands
solder resist
occupied area
solder paste
1.1
(2´)
1.2
(2´)
sod123w_fr
Dimensions in mm
SOD123
NXP Semiconductors
SOD123
Plastic surface-mounted package; 2 leads
SOD123
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved
Package information
28 September 2016
2 / 6
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOD123
sod123_po
16-05-26
16-08-31
Unit
mm
max
nom
min
1.3 0.10
0.25 2.80 1.7 3.75
A
Dimensions (mm are the original dimensions)
Note
1. The marking band indicates the cathode.
Plastic surface-mounted package; 2 leads
SOD123
A1
bp
0.70
c
D
E
HE
Lp
Q
v
0.2
0.15
1.0 0.00
0.10 2.55 1.5 3.45
0.55
0.45
0.6
0.7
0
2 mm
scale
(1)
A1
D
c
HE
bp
(2x)
2
1
E
A
Q
v
A
Lp
(2x)
A
Fig. 1. Package outline SOD123
SOD123
NXP Semiconductors
SOD123
Plastic surface-mounted package; 2 leads
SOD123
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved
Package information
28 September 2016
3 / 6
3. Soldering
SOD123
sod123_fr
occupied area
solder paste
solder resist
Cu pad
Dimensions in mm
16-05-10
16-08-31
0.81
0.91
2.36
1.11
0.81
4.18
0.91
1.11
3.27
4.58
3.1
1.42
1.12 1.22
2.1 1.62
Fig. 2. Reflow soldering footprint for SOD123
NXP Semiconductors
SOD123
Plastic surface-mounted package; 2 leads
SOD123
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved
Package information
28 September 2016
3 / 6
3. Soldering
SOD123
sod123_fr
occupied area
solder paste
solder resist
Cu pad
Dimensions in mm
16-05-10
16-08-31
0.81
0.91
2.36
1.11
0.81
4.18
0.91
1.11
3.27
4.58
3.1
1.42
1.12 1.22
2.1 1.62
Fig. 2. Reflow soldering footprint for SOD123
NXP Semiconductors
SOD123
Plastic surface-mounted package; 2 leads
SOD123
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved
Package information
28 September 2016
3 / 6
3. Soldering
SOD123
sod123_fr
occupied area
solder paste
solder resist
Cu pad
Dimensions in mm
16-05-10
16-08-31
0.81
0.91
2.36
1.11
0.81
4.18
0.91
1.11
3.27
4.58
3.1
1.42
1.12 1.22
2.1 1.62
Fig. 2. Reflow soldering footprint for SOD123
SOD123F
SOD123F
1.6
1.6
2.9
4
4.4
1.1 1.2
2.1
1.1
(2´)
solder lands
solder resist
occupied area
solder paste
1.6
1.6
2.9
4
4.4
1.1 1.2
2.1
1.1
(2´)
solder lands
solder resist
occupied area
solder paste
Images are for reference only, for detailed drawings please visit nexperia.com/packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com