Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSF0108 Fiches technique(PDF) 72 Page - Nexperia B.V. All rights reserved

No de pièce LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Fiches technique(HTML) 72 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 68Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 69Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 70Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 71Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 72Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 73Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 74Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 75Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 76Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 234 page
background image
Types in
bold represent new products
General purpose ESD protection devices
Number of
protected lines
Configuration
Type
Package
Size (mm)
0
2
15
16
-
5
30
0.05
PESD15VL2BT
SOT23
2.9 x 1.3 x 1
24
11
-
3
23
0.05
PESD24VL2BT
24
14
17
3.5
30
0.05
PESD24VV2BT
27
13
17
3
30
0.05
PESD27VV2BT
5
35
45
12
30
0.1
PESD5V0S2BT
2.9
3.5
-
10
0.1
PESD5V0U2BT
PESD5V0U2BM
DFN1006-3 (SOT883)
1.0 x 0.6 x 0.5
18
20
9
30
0.01
PESD5V0V2BM
2.9
3.5
-
10
0.1
PESD5V0U2BMB
DFN1006B-3 (SOT883B)
1 x 0.6 x 0.37
18
20
9
30
0.01
PESD5V0V2BMB
35
45
35
30
0.1
PESD5V0S2BQA
DFN1010D-3 (SOT1215)
1.1 x 1.0 x 0.37
4
3
3.3
22
28
3
20
0.3
PESD3V3L4UF
DFN1410-6 (SOT886)
1.45 x 1 x 0.5
110
300
10
30
1 (@ 3 V)
PESD3V3S4UF
5
16
19
2.5
20
0.025
PESD5V0L4UF
85
220
10
30
0.1 (@ 4.3 V)
PESD5V0S4UF
3
200
240
-
8
2
BZA856A
SOT353 (SC-88A)
2 x 1.25 x 0.95
3.3
22
28
3
20
0.3
PESD3V3L4UG
5
16
19
2.5
20
0.025
PESD5V0L4UG
3
200
240
8
2
BZA456A
SOT457 (SC-74)
2.9 x 1.5 x 1
3.3
215
300
20
30
0.8
PESD3V3S4UD
5
165
220
20
30
0.2
PESD5V0S4UD
15
37
48
-
8
0.1
BZA420A
24
40
70
4
23
0.01
PESD24VS4UD
0
4
3.3
9.9
6
20
0.1
PESD3V3L4BHC
DFN1308-6 (SOT8006)
1.3 x 0.8 x 0.4
5
2.9
3.5
-
10
0.1
PESD5V0U4BF
DFN1410-6 (SOT886)
1.45 x 1 x 0.5
45
75
-
15
0.1
BZA408B
SOT457 (SC-74)
2.9 x 1.5 x 1.0
0
5
3.3
22
28
2.5
20
0.3
PESD3V3L5UF
DFN1410-6 (SOT886)
1.45 x 1 x 0.5
5
16
19
2.5
20
0.025
PESD5V0L5UF
3.3
22
28
2.5
20
0.3
PESD3V3L5UY
SOT363 (SC-88)
2 x 1.25 x 0.95
5
16
19
2.5
20
0.025
PESD5V0L5UY
3.3
215
300
20
30
0.8
PESD3V3S5UD
SOT457 (SC-74)
2.9 x 1.5 x 1.0
5
165
220
20
30
0.2
PESD5V0S5UD
24
45
70
4
23
0.015
PESD24VS5UD
5
2.9
3.5
-
10
0.1
PESD5V0U5BF
DFN1410-6 (SOT886)
1.45 x 1 x 0.5
ESD protection 
mse213
1
2
3
006aaa156
6
1
5
2
4
3
mse214
1
3
2
5
6
4
brb179
1
3
5
6
2
4
mse216
1
3
2
5
6
4
6
1
5
2
4
3
006aaa159
brb180
1
3
5
6
2
4
Nexperia selection guide 2020
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com