Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSF0108 Fiches technique(PDF) 15 Page - Nexperia B.V. All rights reserved

No de pièce LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Fiches technique(HTML) 15 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 11Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 12Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 13Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 14Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 15Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 16Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 17Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 18Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 19Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 234 page
background image
New products
Analog & logic ICs
Analog & logic ICs
Category
Device
Description
Page
Automotive analog & logic Ics
74AVC1T45GS-Q100
Single dual-supply voltage level translating transceiver (3-state) in SOT1202 package
134
74AVC2T45GT-Q100
Dual-bit dual-supply voltage level translating transceiver (3-state) in SOT833 package
134
74AVC2T245GU-Q100
2-bit dual supply configurable translating transceiver (3-state) in SOT1160 package
134
74LVC1T45GM-Q100
Single dual-supply voltage level translating transceiver (3-state) in SOT886 package
134
74LVC2T45GT-Q100
Dual-bit dual-supply voltage level translating transceiver (3-state) in SOT833 package
134
74LVC2T45GS-Q100
Dual-bit dual-supply voltage level translating transceiver (3-state) in SOT1203 package
134
Asynchronous interface analog &
logic ICs
74AHCV05A
Hex inverter; Schmitt trigger; open-drain
136, 142
74LV7032A
Quad 2-input OR gate; Schmitt trigger
144
74AXP4T245
4-bit dual supply translating transceiver; 3-state
147
LSF0108
8-bit bidIRectional translator; open-drain; push-pull
148
NXB0104
Dual supply translator; auto dIRection sensing (3-state)
148
NXS0104
Dual supply translating transceiver; open drain; autosense
148
Synchronous interface analog &
logic ICs
74AHC1G4208
08-stage divider and oscillator
158
74AHC1G4215
14-stage divider and oscillator
158
Control analog & logic ICs
74LV08A
Quad 2-input AND gate
160
74LV00A
Quad 2-input NAND gate
163
74LV02A
Quad 2-input NOR gate
164
74LV32A
Quad 2-input OR gate
165
74LV7032A
Quad 2-input OR gate; Schmitt trigger
165
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com