Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSF0108 Fiches technique(PDF) 201 Page - Nexperia B.V. All rights reserved

No de pièce LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Fiches technique(HTML) 201 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 197Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 198Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 199Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 200Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 201Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 202Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 203Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 204Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 205Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 234 page
background image
201
X2SON4 (SOT1269-2)
X2SON4 (SOT1269-2)
17-07-01
Dimensions in mm
0.6
0.6
0.32
14
23
SOT1269-2
Footprint information for reflow soldering of SOT1269-2 package
sot1269-2_fr
occupied area
solder paste
solder resist
solder lands
Dimensions in mm
Issue date 17-06-16
17-06-30
0.3
(4×)
0.25
(4×)
0.16
1.08 0.93
0.25
0.225
0.475
1.08
0.33 (4×)0.16
0.28 (4×)
0.93
0.25
0.225
0.475
SOT1269-2
Footprint information for reflow soldering of SOT1269-2 package
sot1269-2_fr
occupied area
solder paste
solder resist
solder lands
Dimensions in mm
Issue date 17-06-16
17-06-30
0.3
(4×)
0.25
(4×)
0.16
1.08 0.93
0.25
0.225
0.475
1.08
0.33 (4×)0.16
0.28 (4×)
0.93
0.25
0.225
0.475
Images are for reference only, for detailed drawings please visit nexperia.com/packages
Dimensions in mm
4-pin SMD packages
LFPAK56E; Power-SO8 (SOT1023)
LFPAK56E; Power-SO8 (SOT1023)
Nexperia
SOT1023
plastic, single-ended surface-mounted package (LFPAK56); 4 leads; 1.27 mm pitch
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1023
sot1023_po
13-03-05
17-07-31
Unit
mm
max
nom
min
1.10
0.95
0.15
0.00
0.50
0.35
4.41
3.62
0.25
0.19
0.30
0.24
4.45 5.30
4.95
1.27
0.25 0.1
A
Dimensions
Note
1. Plastic or metal protrusions of 0.15 mm per side are not included.
Plastic single-ended surface-mounted package (LFPAK56E); 4 leads
SOT1023
A1
b
b1
0.85
b2
c
c1
D(1)
4.70
4.45
D1(1) E(1) E1(1)
3.7
3.5
e
H
6.2
5.9
L
1.3
0.8
Lp
0.85
0.40
w
y
8°
0°
θ
0
2.5
5 mm
scale
X
A
c
c1
mounting
base
detail X
A1
Lp
θ
C
C
y
b
b1
A
e
w
A
E
H
D
L
1
2
3
4
E1
D1
b2
(3x)
Fig. 1. Package outline LFPAK56E; Power-SO8 (SOT1023)
SOT1023
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
20 September 2018
2 / 5
Nexperia
SOT1023
plastic, single-ended surface-mounted package (LFPAK56); 4 leads; 1.27 mm pitch
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1023
sot1023_po
13-03-05
17-07-31
Unit
mm
max
nom
min
1.10
0.95
0.15
0.00
0.50
0.35
4.41
3.62
0.25
0.19
0.30
0.24
4.45 5.30
4.95
1.27
0.25 0.1
A
Dimensions
Note
1. Plastic or metal protrusions of 0.15 mm per side are not included.
Plastic single-ended surface-mounted package (LFPAK56E); 4 leads
SOT1023
A1
b
b1
0.85
b2
c
c1
D(1)
4.70
4.45
D1(1) E(1) E1(1)
3.7
3.5
e
H
6.2
5.9
L
1.3
0.8
Lp
0.85
0.40
w
y
8°
0°
θ
0
2.5
5 mm
scale
X
A
c
c1
mounting
base
detail X
A1
Lp
θ
C
C
y
b
b1
A
e
w
A
E
H
D
L
1
2
3
4
E1
D1
b2
(3x)
Fig. 1. Package outline LFPAK56E; Power-SO8 (SOT1023)
SOT1023
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
20 September 2018
2 / 5
Nexperia
SOT1023
plastic, single-ended surface-mounted package (LFPAK56); 4 leads; 1.27 mm pitch
3. Soldering
sot1023_fr
0.6
(3×)
0.7
(4×)
0.25
(2×)
0.25
(2×)
0.6
(4×)
4.2
4.7
0.25
(2×)
1.27
1.1
2
3.81
0.9
(3×)
SP opening =
Cu - 0.050
SR opening =
Cu + 0.075
2.15
2.55
3.45 3.5
3.3
solder lands
solder resist
occupied area
solder paste
125 µm stencil
Fig. 2. Reflow soldering footprint for LFPAK56E; Power-SO8 (SOT1023)
SOT1023
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
20 September 2018
3 / 5
Nexperia
SOT1023
plastic, single-ended surface-mounted package (LFPAK56); 4 leads; 1.27 mm pitch
3. Soldering
sot1023_fr
0.6
(3×)
0.7
(4×)
0.25
(2×)
0.25
(2×)
0.6
(4×)
4.2
4.7
0.25
(2×)
1.27
1.1
2
3.81
0.9
(3×)
SP opening =
Cu - 0.050
SR opening =
Cu + 0.075
2.15
2.55
3.45 3.5
3.3
solder lands
solder resist
occupied area
solder paste
125 µm stencil
Fig. 2. Reflow soldering footprint for LFPAK56E; Power-SO8 (SOT1023)
SOT1023
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
20 September 2018
3 / 5
LFPAK56-UL2595 (SOT1023A)
LFPAK56-UL2595 (SOT1023A)
Nexperia
SOT1023A
plastic, single-ended surface-mounted package (LFPAK56); 4 leads; 1.27 mm pitch
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1023A
- - -
sot1023a_po
17-05-29
17-06-02
Unit
mm
max
nom
min
1.10
0.95
0.15
0.00
0.50
0.35
4.41
3.62
0.25
0.19
0.30
0.24
3.8
3.6
5.30
4.95
1.27
0.25 0.1
A
Dimensions
Note
1. Plastic or metal protrusions of 0.15 mm per side are not included.
Plastic single-ended surface-mounted package (LFPAK56); 4 leads
SOT1023A
A1
0.25
A2
b
b1
0.85
b2
c
c1
D(1)
4.70
4.45
D1(1) E(1) E1(1)
3.7
3.5
e
H
6.2
5.9
L
1.3
0.8
Lp
0.85
0.40
w
y
8°
0°
θ
0
2.5
5 mm
scale
X
c
A
c1
mounting
base
detail X
A1
A2
Lp
θ
C
C
y
b1
A
E
H
D
L (4x)
b
(4x)
(3x)
e
w
A
1
2
3
4
D1
E1
b2
(3x)
Fig. 1. Package outline LFPAK56-UL2595 (SOT1023A)
SOT1023A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
4 May 2018
2 / 5
Nexperia
SOT1023A
plastic, single-ended surface-mounted package (LFPAK56); 4 leads; 1.27 mm pitch
2. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1023A
- - -
sot1023a_po
17-05-29
17-06-02
Unit
mm
max
nom
min
1.10
0.95
0.15
0.00
0.50
0.35
4.41
3.62
0.25
0.19
0.30
0.24
3.8
3.6
5.30
4.95
1.27
0.25 0.1
A
Dimensions
Note
1. Plastic or metal protrusions of 0.15 mm per side are not included.
Plastic single-ended surface-mounted package (LFPAK56); 4 leads
SOT1023A
A1
0.25
A2
b
b1
0.85
b2
c
c1
D(1)
4.70
4.45
D1(1) E(1) E1(1)
3.7
3.5
e
H
6.2
5.9
L
1.3
0.8
Lp
0.85
0.40
w
y
8°
0°
θ
0
2.5
5 mm
scale
X
c
A
c1
mounting
base
detail X
A1
A2
Lp
θ
C
C
y
b1
A
E
H
D
L (4x)
b
(4x)
(3x)
e
w
A
1
2
3
4
D1
E1
b2
(3x)
Fig. 1. Package outline LFPAK56-UL2595 (SOT1023A)
SOT1023A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
4 May 2018
2 / 5
Nexperia
SOT1023A
plastic, single-ended surface-mounted package (LFPAK56); 4 leads; 1.27 mm pitch
3. Soldering
SOT1023A
Footprint information for reflow soldering of LFPAK56 package
sot1023a_fr
occupied area
solder paste
solder resist
solder lands
Issue date
Dimensions in mm
17-05-02
17-05-31
0.60
2.15
1.55
0.075
2.00
2.85
3.30
3.45 3.50
0.90
0.25
0.70
1.27
0.075
4.51
0.60
0.25
0.175
0.90
4.20
4.70
5.30
0.60
0.25
0.25
1.05
0.55
7.40
1.15
Fig. 2. Reflow soldering footprint for LFPAK56-UL2595 (SOT1023A)
SOT1023A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
4 May 2018
3 / 5
Nexperia
SOT1023A
plastic, single-ended surface-mounted package (LFPAK56); 4 leads; 1.27 mm pitch
3. Soldering
SOT1023A
Footprint information for reflow soldering of LFPAK56 package
sot1023a_fr
occupied area
solder paste
solder resist
solder lands
Issue date
Dimensions in mm
17-05-02
17-05-31
0.60
2.15
1.55
0.075
2.00
2.85
3.30
3.45 3.50
0.90
0.25
0.70
1.27
0.075
4.51
0.60
0.25
0.175
0.90
4.20
4.70
5.30
0.60
0.25
0.25
1.05
0.55
7.40
1.15
Fig. 2. Reflow soldering footprint for LFPAK56-UL2595 (SOT1023A)
SOT1023A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
4 May 2018
3 / 5
Minimized outline drawings and reflow soldering footprint
SOT143B
Dimensions in mm
SOT143B
solder lands
solder resist
occupied area
solder paste
sot143b_fr
0.9
0.6
0.7
3.25
3
0.6
(3´)
0.6
(3´)
0.5
(3´)
0.7
(3´)
1
1.9
2
0.75
0.95
Dimensions in mm
solder lands
solder resist
occupied area
solder paste
sot143b_fr
0.9
0.6
0.7
3.25
3
0.6
(3´)
0.6
(3´)
0.5
(3´)
0.7
(3´)
1
1.9
2
0.75
0.95
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com