Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9301 Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 32Page - STMicroelectronics L9301 Datasheet HTML 33Page - STMicroelectronics L9301 Datasheet HTML 34Page - STMicroelectronics L9301 Datasheet HTML 35Page - STMicroelectronics L9301 Datasheet HTML 36Page - STMicroelectronics L9301 Datasheet HTML 37Page - STMicroelectronics L9301 Datasheet HTML 38Page - STMicroelectronics L9301 Datasheet HTML 39Page - STMicroelectronics L9301 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
Logic BIST
L9301
36/54
DS11400 Rev 9
10
Logic BIST
After VDD power-on with RES = High and SCK = Low, a digital logic built-in self-test (BIST)
starts and takes a maximum of 12 ms to complete. If RES = High and SCK = High, the BIST
is not executed. The BIST status register (0x1E) contains three bits that reflect the status of
the BIST.
The purpose of logic BIST is to test the control and diagnosis logic. If the BIST ends with an
error, the device is no longer reliable.
While the BIST is running, the device is not operative.
The oscillator FLL (Spread Spectrum) is enabled after BIST run (clkch_en bit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54