Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9301 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 4Page - STMicroelectronics L9301 Datasheet HTML 5Page - STMicroelectronics L9301 Datasheet HTML 6Page - STMicroelectronics L9301 Datasheet HTML 7Page - STMicroelectronics L9301 Datasheet HTML 8Page - STMicroelectronics L9301 Datasheet HTML 9Page - STMicroelectronics L9301 Datasheet HTML 10Page - STMicroelectronics L9301 Datasheet HTML 11Page - STMicroelectronics L9301 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Pin description
L9301
8/54
DS11400 Rev 9
15
DRN4
Drain pin of configurable driver #4
16
SRC4
Source pin of configurable driver #4
17
OUT3
Output 3
18
OUT4
Output 4
19
GND
Power ground of OUT3,4,7,8
20
OUT8
Output 8
21
OUT7
Output 7
22
IN8
Discrete input used to PWM output driver #8
23
IN7
Discrete input used to PWM output driver #7
24
IN6
Discrete input used to PWM output driver #6
25
IN5
Discrete input used to PWM output driver #5
26
IN4
Discrete input used to PWM output driver #4
27
IN3
Discrete input used to PWM output driver #3
28
IN2
Discrete input used to PWM output driver #2
29
IN1
Discrete input used to PWM output driver #1
30
VDD5
5 Volt supply input
31
SRC2
Source pin of configurable driver #2
32
DRN2
Drain pin of configurable driver #2
33
DRN1
Drain pin of configurable driver #1
34
SRC1
Source pin of configurable driver #1
35
OUT2
Output 2
36
OUT1
Output 1
EP
GND
Exposed pad: connected to GND
Table 2. Pin description (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com