| Moteur de recherche de fiches techniques de composants électroniques |
|
L9301 Fiches technique(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9301 Fiches technique(HTML) 17 Page - STMicroelectronics |
|
17 / 54 page ![]() DS11400 Rev 9 17/54 L9301 Configuration 1: 8 low side drivers 53 Figure 4. Configuration 1: 8 Low side drivers Note: pwm_en bit has no effect in this configuration Internal Supply LOGIC SPI Diagnostic Charge pump GND GND VB VB VB VB VB VB VDD_I/O RES CP MISO MOSI SCK CS VB L9301 Driver HS/LS Driver LS Driver LS Driver HS/LS Driver LS Driver LS GAPG0109151248PS OUT3-4 LOAD4 LOAD3 LOAD2 SOURCE3-4 DRAIN3-4 LOAD9-12 LOAD1 SOURCE1-2 DRAIN1-2 OUT5-8 OUT1-2 |