Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9301 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 12Page - STMicroelectronics L9301 Datasheet HTML 13Page - STMicroelectronics L9301 Datasheet HTML 14Page - STMicroelectronics L9301 Datasheet HTML 15Page - STMicroelectronics L9301 Datasheet HTML 16Page - STMicroelectronics L9301 Datasheet HTML 17Page - STMicroelectronics L9301 Datasheet HTML 18Page - STMicroelectronics L9301 Datasheet HTML 19Page - STMicroelectronics L9301 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
Configuration 1: 8 low side drivers
L9301
16/54
DS11400 Rev 9
7
Configuration 1: 8 low side drivers
In this configuration there are 8 low side drivers available that can be driven by SPI or by the
parallel input: IN1-4 control both DRAIN1-4 and OUT1-4 that must be turned on and off
simultaneously while IN5-8 control OUT5-8. Parallelized output must be externally
connected to each other to ensure correct functionality and diagnostic.
The corresponding relations are:
Table 14. Config 1
INx
SPI: CR13
Output
IN1
Cmd1
OUT1//OUT2
IN2
Cmd2
OUT3//OUT4
IN3
Cmd3
DRN1//DRN2
IN4
Cmd4
DRN3//DRN4
IN5
Cmd5
OUT5
IN6
Cmd6
OUT6
IN7
Cmd7
OUT7
IN8
Cmd8
OUT8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54