Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9301 Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 46Page - STMicroelectronics L9301 Datasheet HTML 47Page - STMicroelectronics L9301 Datasheet HTML 48Page - STMicroelectronics L9301 Datasheet HTML 49Page - STMicroelectronics L9301 Datasheet HTML 50Page - STMicroelectronics L9301 Datasheet HTML 51Page - STMicroelectronics L9301 Datasheet HTML 52Page - STMicroelectronics L9301 Datasheet HTML 53Page - STMicroelectronics L9301 Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
Package information
L9301
52/54
DS11400 Rev 9
14.2
PowerSSO-36 (exp. pad) marking information
Figure 15. PowerSSO-36 (exp. pad) marking information
Note:
Engineering Samples: these samples are clearly identified by the last two digits ‘ES’ in the
marking of each unit. These samples are intended to be used for electrical compatibility
evaluation only; usage for any other purpose may be agreed only upon written authorization
by ST. ST is not liable for any customer usage in production and/or in reliability qualification
trials.
Commercial Samples: Fully qualified parts from ST standard production with no usage
restrictions.
PowerSSO-36 TOP VIEW
(not in scale)
Last two digits
ES: Engineering sample
<blank>: Commercial sample
Marking area
GAPG2904151300PS_ES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54