Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9679E Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 34Page - STMicroelectronics L9679E Datasheet HTML 35Page - STMicroelectronics L9679E Datasheet HTML 36Page - STMicroelectronics L9679E Datasheet HTML 37Page - STMicroelectronics L9679E Datasheet HTML 38Page - STMicroelectronics L9679E Datasheet HTML 39Page - STMicroelectronics L9679E Datasheet HTML 40Page - STMicroelectronics L9679E Datasheet HTML 41Page - STMicroelectronics L9679E Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 127 page
background image
DCMTSxy (xy=01,23,45,67)
Deployment current monitor registers
channel 0,1 (DDCMTS01), channel 2,3 (DDCMTS23), channel 4,5 (DDCMTS45), channel 6,7 (DDCMTS67)
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
MISO
0
0
0
0
Current_Mon_Timer_y[7:0]
Current_Mon_Timer_x[7:0]
ID:
1F (DDCMTS01), 20 (DDCMTS23), 21 (DDCMTS45), 22 (DDCMTS67)
Type:
R
Read:
1F00 (DDCMTS01), 2000 (DDCMTS23), 2100 (DDCMTS45), 2202 (DDCMTS67)
Write:
-
POR
WSM
SSM
[15:8]
0x00
0x00
0x00
Current_Mon_Timer_y[7:0]: Channel y current monitor timer value corresponding to SPI command
DCMTSxy.
Set to default (cleared) on SSM_RESET or when a new deployment starts on channel y.
Increments each 16 µs while deployment current exceeds monitor threshold on channel y
[7:0]
0x00
0x00
0x00
Current_Mon_Timer_x[7:0]:Channel x current monitor timer value corresponding to SPI command
DCMTSxy.
Set to default (cleared) on SSM_RESET or when a new deployment starts on channel x.
Increments each 16 µs while deployment current exceeds monitor threshold on channel y
L9679E
SPI interface
DS12485 - Rev 8
page 38/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More