Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9679E Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 17Page - STMicroelectronics L9679E Datasheet HTML 18Page - STMicroelectronics L9679E Datasheet HTML 19Page - STMicroelectronics L9679E Datasheet HTML 20Page - STMicroelectronics L9679E Datasheet HTML 21Page - STMicroelectronics L9679E Datasheet HTML 22Page - STMicroelectronics L9679E Datasheet HTML 23Page - STMicroelectronics L9679E Datasheet HTML 24Page - STMicroelectronics L9679E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 127 page
background image
RID / WID
Hex
R/W
Name
Description
Operating state(1)
0
1
0
1
0
1
1
0
0x56
0
1
0
1
0
1
1
1
0x57
0
1
0
1
1
0
0
0
0x58
0
1
0
1
1
0
0
1
0x59
0
1
0
1
1
0
1
0
0x5A
0
1
0
1
1
0
1
1
0x5B
0
1
0
1
1
1
0
0
0x5C
0
1
0
1
1
1
0
1
0x5D
0
1
0
1
1
1
1
0
0x5E
0
1
0
1
1
1
1
1
0x5F
0
1
1
0
0
0
0
0
0x60
0
1
1
0
0
0
0
1
0x61
0
1
1
0
0
0
1
0
0x62
0
1
1
0
0
0
1
1
0x63
0
1
1
0
0
1
0
0
0x64
0
1
1
0
0
1
0
1
0x65
0
1
1
0
0
1
1
0
0x66
0
1
1
0
0
1
1
1
0x67
0
1
1
0
1
0
0
0
0x68
0
1
1
0
1
0
0
1
0x69
0
1
1
0
1
0
1
0
0x6A
R
ARM_STATE
Status of arming
signals
0
1
1
0
1
0
1
1
0x6B
0
1
1
0
1
1
0
0
0x6C
0
1
1
0
1
1
0
1
0x6D
0
1
1
0
1
1
1
0
0x6E
R/W
LOOP_MATRIX_
ARM1
Assignment of FEN1
pin to which LOOPS
√
0
1
1
0
1
1
1
1
0x6F
R/W
LOOP_MATRIX_
ARM2
Assignment of FEN2
pin to which LOOPS
√
0
1
1
1
0
0
0
0
0x70
0
1
1
1
0
0
0
1
0x71
0
1
1
1
0
0
1
0
0x72
0
1
1
1
0
0
1
1
0x73
0
1
1
1
0
1
0
0
0x74
0
1
1
1
0
1
0
1
0x75
0
1
1
1
0
1
1
0
0x76
0
1
1
1
0
1
1
1
0x77
0
1
1
1
1
0
0
0
0x78
0
1
1
1
1
0
0
1
0x79
0
1
1
1
1
0
1
0
0x7A
L9679E
SPI interface
DS12485 - Rev 8
page 21/127