| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679E Fiches technique(PDF) 90 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679E Fiches technique(HTML) 90 Page - STMicroelectronics |
|
90 / 127 page ![]() Requests are sent to the L9679E IC via the ADC measurement Registers (ADCREQx) as shown in Table 14. Diagnostics control register (DIAGCTRLx). All diagnostics results are available on the ADCRESx registers, when addressed by the related ADCREQx register (e.g. data requested by ADCREQA would be written to ADCRESA). Table 14. Diagnostics control register (DIAGCTRLx) ADC Request (ADCREQx) Voltage Measurement Selection ADC Results (ADCRESx) Bit[6:0] Hex Bit[9:0] 0 0 0 0 0 0 0 0x00 0 0 0 0 0 0 1 0x01 ADC ground reference VADC_GROUND 0 0 0 0 0 1 0 0x02 ADC full scale reference VADC_FULLSCALE 0 0 0 0 0 1 1 0x03 0 0 0 0 1 0 0 0x04 0 0 0 0 1 0 1 0x05 0 0 0 0 1 1 0 0x06 Squib/Pyroswitch measurement loop selected Voutx 0 0 0 0 1 1 1 0x07 Internal reference Voltage VBG1 0 0 0 1 0 0 0 0x08 Internal reference monitor Voltage VBG2 0 0 0 1 0 0 1 0x09 0 0 0 1 0 1 0 0x0A Temperature Measurement TEMP 0 0 0 1 0 1 1 0x0B 0 0 0 1 1 0 0 0x0C 0 0 0 1 1 0 1 0x0D 0 0 0 1 1 1 0 0x0E 0 0 0 1 1 1 1 0x0F 0 0 1 0 0 0 0 0x10 0 0 1 0 0 0 1 0x11 0 0 1 0 0 1 0 0x12 0 0 1 0 0 1 1 0x13 0 0 1 0 1 0 0 0x14 0 0 1 0 1 0 1 0x15 0 0 1 0 1 1 0 0x16 0 0 1 0 1 1 1 0x17 0 0 1 1 0 0 0 0x18 0 0 1 1 0 0 1 0x19 0 0 1 1 0 1 0 0x1A 0 0 1 1 0 1 1 0x1B 0 0 1 1 1 0 0 0x1C 0 0 1 1 1 0 1 0x1D 0 0 1 1 1 1 0 0x1E 0 0 1 1 1 1 1 0x1F L9679E System voltage diagnostics DS12485 - Rev 8 page 90/127 |