Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9679E Fiches technique(PDF) 95 Page - STMicroelectronics

No de pièce L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Fiches technique(HTML) 95 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 91Page - STMicroelectronics L9679E Datasheet HTML 92Page - STMicroelectronics L9679E Datasheet HTML 93Page - STMicroelectronics L9679E Datasheet HTML 94Page - STMicroelectronics L9679E Datasheet HTML 95Page - STMicroelectronics L9679E Datasheet HTML 96Page - STMicroelectronics L9679E Datasheet HTML 97Page - STMicroelectronics L9679E Datasheet HTML 98Page - STMicroelectronics L9679E Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 127 page
background image
12
Applications
The main applications for this IC are two:
•
as user configurable airbag IC;
•
as pyro fuse manager IC.
12.1
Application circuit
Figure 27. Application circuit
C5÷C8
SSxy
SFx
SRx
MOSI_X
MISO_X
SCLK_X
CS_X
RSUx
C9÷C16
C17÷C24
C25÷C28
L9679E
L96xx
VER
VSF
SYNCBOOST
SATBUCK
VCC
C2b
C3c
C1a
C1b
C4
RESET_N
RESET_N
SGxy
D1÷D4
uC_FLEN
PUMD15
D6
D5
R1
Q1
LOAD
uC_DIAGEN
R2
C29
C30
R3
R4 R8
R9
÷
R10
R11
C3b
C2b
Q2
L9679E
Applications
DS12485 - Rev 8
page 95/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More