Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSM104WA Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TSM104WA
Description  QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

TSM104WA Fiches technique(HTML) 1 Page - Texas Instruments

  TSM104WA Datasheet HTML 1Page - Texas Instruments TSM104WA Datasheet HTML 2Page - Texas Instruments TSM104WA Datasheet HTML 3Page - Texas Instruments TSM104WA Datasheet HTML 4Page - Texas Instruments TSM104WA Datasheet HTML 5Page - Texas Instruments TSM104WA Datasheet HTML 6Page - Texas Instruments TSM104WA Datasheet HTML 7Page - Texas Instruments TSM104WA Datasheet HTML 8Page - Texas Instruments TSM104WA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
TYPICAL APPLICATIONS
D (SOIC), N (PDIP), OR PW (TSSOP) PACKAGE
(TOP VIEW)
CATHODE
3OUT
3IN−
3IN+
1OUT
1IN−
1IN+
VCC+
2OUT
2IN−
2IN+
ADJUST
VCC−
4IN+
4IN−
4OUT
1
16
7
6
5
4
3
2
8
9
10
11
12
13
14
15
DESCRIPTION/ORDERING INFORMATION
TSM104W
,, TSM104WA
QUAD OPERATIONAL AMPLIFIER
AND PROGRAMMABLE VOLTAGE REFERENCE
SLOS478D – JULY 2005 – REVISED AUGUST 2006
Battery Chargers
OPERATIONAL AMPLIFIER
Switch-Mode Power Supplies
– Low Offset Voltage, Max of:
Linear Voltage Regulation
• TSM104WA…3 mV (25°C) and 4 mV (Full
Data-Acquisition Systems
Temperature)
• TSM104W…5 mV (25°C) and 6 mV (Full
Temperature)
– Low Supply Current
…375 µA/Channel Typ
at VCC = 5 V
– Unity Gain Bandwidth
…0.9 MHz Typ
– Input Common-Mode Range Includes GND
– Large Output-Voltage Swing
…0 V to
VCC – 2 V
– Wide Supply-Voltage Range
…3 V to 30 V
– 2-kV ESD Protection (HBM)
VOLTAGE REFERENCE
– Adjustable Output Voltage
…V
REF to 36 V
– VREF = 2.5 V With Tight Tolerance, Max of:
• TSM104WA…0.4% (25°C) and 0.8% (Full
Temperature)
• TSM104W…1% (25°C) and 2% (Full
Temperature)
– Low Temperature Drift
…7 mV Typ Over
Operating Temperature Range
– Wide Sink-Current Range
…0.5 mA Typ to
100 mA
– Output Impedance
…0.2 Ω Typ
The TSM104W combines the building blocks of a quad operational amplifier and an adjustable voltage
reference, both of which often are used in the control circuitry of switch-mode power supplies.
For the A grade, especially tight voltage regulation can be achieved through the low offset voltage for each
operational amplifier (typically 0.5 mV) and tight tolerance for the voltage reference (0.4% at 25
°C and 0.8%
over operating temperature range).
The TSM104W and TSM104WA are characterized for operation from –40
°C to 105°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TSM104WA

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSM104WA TI1-TSM104WA Datasheet
598Kb / 15P
QUAD OPERATIONAL AMPLIFIER
TSM104WAID TI-TSM104WAID Datasheet
251Kb / 11P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
TSM104WAID TI1-TSM104WAID Datasheet
598Kb / 15P
QUAD OPERATIONAL AMPLIFIER
TSM104WAIDE4 TI-TSM104WAIDE4 Datasheet
251Kb / 11P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
TSM104WAIDR TI-TSM104WAIDR Datasheet
251Kb / 11P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
More results

Description similaire - TSM104WA

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TSM104 STMICROELECTRONICS-TSM104 Datasheet
103Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Feb-1999
TSM104W STMICROELECTRONICS-TSM104W Datasheet
160Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
logo
Texas Instruments
TSM104W TI-TSM104W Datasheet
251Kb / 11P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
STMicroelectronics
TSM104 STMICROELECTRONICS-TSM104_03 Datasheet
161Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
logo
Unisonic Technologies
UM604-A UTC-UM604-A Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
STMicroelectronics
TSM104WAIDT STMICROELECTRONICS-TSM104WAIDT Datasheet
162Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
logo
Unisonic Technologies
UM604 UTC-UM604 Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
E-Tech Electronics LTD
UM604_A ETL-UM604_A Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
First Components Intern...
FTSM104A FCI-FTSM104A Datasheet
1Mb / 9P
Quad Operational Amplifier and Programmable Voltage Reference
logo
Unisonic Technologies
UM604A UTC-UM604A_17 Datasheet
187Kb / 6P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com