Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSM104WA Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TSM104WA
Description  QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

TSM104WA Fiches technique(HTML) 3 Page - Texas Instruments

  TSM104WA Datasheet HTML 1Page - Texas Instruments TSM104WA Datasheet HTML 2Page - Texas Instruments TSM104WA Datasheet HTML 3Page - Texas Instruments TSM104WA Datasheet HTML 4Page - Texas Instruments TSM104WA Datasheet HTML 5Page - Texas Instruments TSM104WA Datasheet HTML 6Page - Texas Instruments TSM104WA Datasheet HTML 7Page - Texas Instruments TSM104WA Datasheet HTML 8Page - Texas Instruments TSM104WA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
Total Device Electrical Characteristics
Operational Amplifier Electrical Characteristics
TSM104W
,, TSM104WA
QUAD OPERATIONAL AMPLIFIER
AND PROGRAMMABLE VOLTAGE REFERENCE
SLOS478D – JULY 2005 – REVISED AUGUST 2006
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VCC+ = 5 V, No load
1.4
2.4
Total supply current,
ICC
Full range
mA
excluding cathode-current reference
VCC+ = 30 V, No load
4
V
CC+ = 5 V, VCC– = GND, VO = 1.4 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
1
5
TSM104W
Full range
6
VIO
Input offset voltage
mV
25
°C
0.5
3
TSM104WA
Full range
4
αV
IO
Input offset voltage drift
25
°C
7
µV/°C
25
°C
2
30
IIO
Input offset current
nA
Full range
50
25
°C
30
150
IIB
Input bias current
nA
Full range
200
25
°C
50
100
VCC+ = 15 V, RL = 2 kΩ,
AVD
Large-signal voltage gain
V/mV
VO = 1.4 V to 11.4 V
Full range
25
kSVR
Supply-voltage rejection ratio
VCC+ = 5 V to 30 V
25
°C
65
100
dB
25
°C
0
VCC+ – 1.5
VICR
Input common-mode voltage range
VCC+ = 30 V(1)
V
Full range
0
VCC+ – 2
25
°C
70
85
CMRR
Common-mode rejection ratio
dB
Full range
60
Isource
Output source current
VCC+ = 15 V, VO = 2 V, Vid = 1 V
25
°C
20
40
mA
ISC
Short circuit to GND
VCC+ = 15 V
25
°C
40
60
mA
Isink
Output sink current
VCC+ = 15 V, VO = 2 V, Vid = –1 V
25
°C
10
20
mA
25
°C
27
28
VOH
High-level output voltage
VCC+ = 30 V, RL = 10 kΩ
V
Full range
27
25
°C
5
20
VOL
Low-level output voltage
RL = 10 kΩ
mV
Full range
20
VCC+ = 15 V, CL = 100 pF,
SR
Slew rate at unity gain
RL = 2 kΩ, VI = 0.5 V to 3 V,
25
°C
0.1
0.3
V/
µs
unity gain
VCC+ = 30 V, VI = 10 mV,
GBW
Gain bandwidth product
CL = 100 pF, RL = 2 kΩ,
25
°C
0.5
0.9
MHz
f = 100 kHz
VCC+ = 30 V, VO = 2 Vpp,
THD
Total harmonic distortion
CL = 100 pF, RL = 2 kΩ,
25
°C
0.01
%
f = 1 kHz, AV = 20 dB
VCC = 30 V, RS = 100 Ω,
Vn
Equivalent input noise voltage
25
°C
25
nV/
√Hz
f = 1 kHz
Channel separation
1 kHz < f < 20 kHz
25
°C
120
dB
(1)
The input common-mode voltage of either input should not be allowed to go below –0.3 V. The upper end of the common-mode voltage
range is VCC+ – 1.5 V, but either input can go to VCC+ + 0.3 V without damage (absolute maximum ratings still must be observed).
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com