Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSM104WA Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TSM104WA
Description  QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

TSM104WA Fiches technique(HTML) 5 Page - Texas Instruments

  TSM104WA Datasheet HTML 1Page - Texas Instruments TSM104WA Datasheet HTML 2Page - Texas Instruments TSM104WA Datasheet HTML 3Page - Texas Instruments TSM104WA Datasheet HTML 4Page - Texas Instruments TSM104WA Datasheet HTML 5Page - Texas Instruments TSM104WA Datasheet HTML 6Page - Texas Instruments TSM104WA Datasheet HTML 7Page - Texas Instruments TSM104WA Datasheet HTML 8Page - Texas Instruments TSM104WA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
TYPICAL OPERATING CHARACTERISTICS
10
100
1k
10k
100k
Frequency – Hz
0.001
0.01
0.1
1
10
1
10
100
1k
10k
100k
Frequency – Hz
0
50
100
150
200
250
-20
0
20
40
60
80
100
2.3
2.4
2.5
2.6
2.7
V
– V
REF
0
5
10
15
20
25
30
35
1
10
100
1000
10000
Capacitance – pF
TSM104W
,, TSM104WA
QUAD OPERATIONAL AMPLIFIER
AND PROGRAMMABLE VOLTAGE REFERENCE
SLOS478D – JULY 2005 – REVISED AUGUST 2006
T
A = 25°C (unless otherwise noted)
TOTAL HARMONIC DISTORTION (THD)
AMPLIFIER NOISE VOLTAGE
vs
vs
FREQUENCY
FREQUENCY
Figure 1.
Figure 2.
IK
VREF STABILITY
vs
vs
VREF
CAPACITANCE
Figure 3.
Figure 4.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com