Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSM104WA Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TSM104WA
Description  QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

TSM104WA Fiches technique(HTML) 4 Page - Texas Instruments

  TSM104WA Datasheet HTML 1Page - Texas Instruments TSM104WA Datasheet HTML 2Page - Texas Instruments TSM104WA Datasheet HTML 3Page - Texas Instruments TSM104WA Datasheet HTML 4Page - Texas Instruments TSM104WA Datasheet HTML 5Page - Texas Instruments TSM104WA Datasheet HTML 6Page - Texas Instruments TSM104WA Datasheet HTML 7Page - Texas Instruments TSM104WA Datasheet HTML 8Page - Texas Instruments TSM104WA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ti.com
(1)
The dynamic impedance is defined as
z
ka +
∆V
KA
∆I
K .
Voltage Reference Electrical Characteristics
DVREF
DVKA
TSM104W
,, TSM104WA
QUAD OPERATIONAL AMPLIFIER
AND PROGRAMMABLE VOLTAGE REFERENCE
SLOS478D – JULY 2005 – REVISED AUGUST 2006
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
2.475
2.5
2.525
TSM104W
IK = 10 mA
Full range
2.45
2.55
VREF
Reference voltage
V
25
°C
2.49
2.5
2.51
TSM104WA IK = 10 mA
Full range
2.48
2.52
Reference input voltage deviation over
∆V
REF
VKA = VREF, IK = 10 mA
Full range
7
30
mV
temperature range
Ratio of change in reference voltage to
VKA = 3 V to 36 V, IK = 10 mA
25
°C
–2
–1.1
mV/V
change in cathode voltage
25
°C
1.5
2.5
IREF
Reference input current
IK = 10 mA
µA
Full range
3
Reference input current deviation over
∆I
REF
Full range
0.8
1.2
µA
temperature range
Imin
Minimum cathode current for regulation
VKA = VREF
25
°C
0.5
1
mA
IK,OFF
Off-state cathode current
25
°C
180
500
nA
VKA = VREF, f < 1 kHz,
|zka|
Dynamic impedance(1)
25
°C
0.2
0.5
∆I
K = 1 mA to 100 mA
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com