Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSM104WA Fiches technique (PDF) - Texas Instruments

TSM104WA Datasheet PDF - Texas Instruments
No de pièce TSM104WA
Télécharger  TSM104WA Télécharger
Taille du fichier   402.43 Kbytes
Page   16 Pages
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE

TSM104WA Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
TSM104WA Datasheet PDF - Texas Instruments

No de pièce TSM104WA
Télécharger  TSM104WA Click to download

Taille du fichier   402.43 Kbytes
Page   16 Pages
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE

TSM104WA Fiches technique (HTML) - Texas Instruments


TSM104WA Détails du produit

FEATURES
· OPERATIONAL AMPLIFIER
– Low Offset Voltage, Max of:
· TSM104WA¼3 mV (25°C) and 4 mV (Full
Temperature)
· TSM104W¼5 mV (25°C) and 6 mV (Full
Temperature)
– Low Supply Current¼375 mA/Channel Typ
at VCC = 5 V
– Unity Gain Bandwidth¼0.9 MHz Typ
– Input Common-Mode Range Includes GND
– Large Output-Voltage Swing¼0 V to
VCC – 2 V
– Wide Supply-Voltage Range¼3 V to 30 V
– 2-kV ESD Protection (HBM)
· VOLTAGE REFERENCE
– Adjustable Output Voltage¼VREF to 36 V
– VREF = 2.5 V With Tight Tolerance, Max of:
· TSM104WA¼0.4% (25°C) and 0.8% (Full
Temperature)
· TSM104W¼1% (25°C) and 2% (Full
Temperature)
– Low Temperature Drift¼7 mV Typ Over
Operating Temperature Range
– Wide Sink-Current Range¼0.5 mA Typ to
100 mA
– Output Impedance¼0.2 W Typ

TYPICAL APPLICATIONS
· Battery Chargers
· Switch-Mode Power Supplies
· Linear Voltage Regulation
· Data-Acquisition Systems

DESCRIPTION/ORDERING INFORMATION
The TSM104W combines the building blocks of a quad operational amplifier and an adjustable voltage
reference, both of which often are used in the control circuitry of switch-mode power supplies.
For the A grade, especially tight voltage regulation can be achieved through the low offset voltage for each
operational amplifier (typically 0.5 mV) and tight tolerance for the voltage reference (0.4% at 25°C and 0.8%
over operating temperature range).
The TSM104W and TSM104WA are characterized for operation from –40°C to 105°C.




Numéro de pièce similaire - TSM104WA

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSM104WA TI1-TSM104WA Datasheet
598Kb / 15P
QUAD OPERATIONAL AMPLIFIER
TSM104WAID TI-TSM104WAID Datasheet
251Kb / 11P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
TSM104WAID TI1-TSM104WAID Datasheet
598Kb / 15P
QUAD OPERATIONAL AMPLIFIER
TSM104WAIDE4 TI-TSM104WAIDE4 Datasheet
251Kb / 11P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
TSM104WAIDR TI-TSM104WAIDR Datasheet
251Kb / 11P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
More results


Description similaire - TSM104WA

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TSM104 STMICROELECTRONICS-TSM104 Datasheet
103Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Feb-1999
TSM104W STMICROELECTRONICS-TSM104W Datasheet
160Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
logo
Texas Instruments
TSM104W TI-TSM104W Datasheet
251Kb / 11P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
STMicroelectronics
TSM104 STMICROELECTRONICS-TSM104_03 Datasheet
161Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
logo
Unisonic Technologies
UM604-A UTC-UM604-A Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
STMicroelectronics
TSM104WAIDT STMICROELECTRONICS-TSM104WAIDT Datasheet
162Kb / 9P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Jan-2003
logo
Unisonic Technologies
UM604 UTC-UM604 Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
E-Tech Electronics LTD
UM604_A ETL-UM604_A Datasheet
168Kb / 7P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
First Components Intern...
FTSM104A FCI-FTSM104A Datasheet
1Mb / 9P
Quad Operational Amplifier and Programmable Voltage Reference
logo
Unisonic Technologies
UM604A UTC-UM604A_17 Datasheet
187Kb / 6P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com