Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP175ALF-DS-R06 Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce IP175ALF-DS-R06
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF-DS-R06 Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IP175ALF-DS-R06 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
IP175A LF
Preliminary Data Sheet
9/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
Pin Descriptions (continued)
Pin no.
Label
Type
Description
MII pins used as initial setting mode during reset
113
VLAN_ON
IPL
VLAN enable
1: enable,
0: disable (default)
IP175A LF is separated into 4 VLAN groups if this function is
enabled.
VLAN 1: port0, port 4;
VLAN 2: port 1, port 4;
VLAN 3: port 2, port 4;
VLAN 4: port 3, port 4;
Programming EEPROM registers 0Eh~12h or MII register
13h~15h will overwrite the VLAN configuration.
64
P4_HIGH
IPL2
Port4 is set to be high priority port
1: enable,
0: disabled (default)
Packets received from port4 are handled as high priority packets
if the feature is enabled. Please refer to EEPROM registers
0Eh~12h or MII register 13h~15h for detail information.
63
COS_EN
IPL2
Class of service enable
1: enable,
0: disabled (default)
Packets with high priority tag are handled as high priority
packets for all ports if the feature is enabled. Please refer to
EEPROM registers 0Eh~12h or MII register 13h~15h for detail
information.
65
AGING
IPH2
Address aging enable
1: enable, aging time 300s (default),
0: disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60