Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP175ALF-DS-R06 Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce IP175ALF-DS-R06
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF-DS-R06 Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button IP175ALF-DS-R06 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
IP175A LF
Preliminary Data Sheet
10/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
Pin Descriptions (continued)
Pin no.
Label
Type
Description
External MII port setting
74
P4EXT
IPL
External MII port enable
1: Both MII interface are enabled for router application. MII1
supports PHY mode only. MII1 interfaces to internal PHY4 of
IP175A LF. It is connected to an external MAC device. MII0
supports both PHY mode and MAC mode depending on the
setting of MII0_MAC_MOD (pin 96).
0: External MII interface is disabled and IP175A LF works as a
5-port switch (default).
75
P4MII_SNI
IPL
External MII interface selection
1: SNI interface
IP175A LF supports PHY mode SNI (MII0_MAC_MOD=0),
i.e., it can be connected to an external MAC. IP175A LF
doesn’t support MAC mode SNI (MII0_MAC_MOD=1), i.e., it
should not be connected to an external PHY.
0: MII interface (default).
Pin no.
Label
Type
Description
External MII0 interface (P4EXT=1)
67
MAC_X_EN
IPH2 Flow control enable for external MII0 port
1: enable (default),
0: disable
96
MII0_MAC_MOD
IPL1
External MII0 port MAC mode
1: MII0 works as a MAC and should be connected to an external
PHY.
0: MII0 works as a PHY and should be connected to an external
MAC device (default).
This pin does not affect MII1 port.
71, 70
MDC, MDIO
IPL
SMI
The external MAC device uses the interface to program basic and
extended MII register to configure PHY 4 and switch controller,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60