Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP175ALF-DS-R06 Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce IP175ALF-DS-R06
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF-DS-R06 Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IP175ALF-DS-R06 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
IP175A LF
Preliminary Data Sheet
8/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
3
Pin Descriptions
Type
Description
I
Input pin
O
Output pin
IPL
Input pin with internal pull low
IPH
Input pin with internal pull high
Type
Description
IPL1
Input pin with internal pull low 22.8k ohm
IPH1
Input pin with internal pull high 22.8k ohm
IPL2
Input pin with internal pull low 92.6k ohm
IPH2
Input pin with internal pull high 113.8k ohm
Pin no.
Label
Type
Description
LED pins used as initial setting mode during reset
102
BF_STM_EN
IPL1
Broadcast storm protection enable
1: enable,
0: disable (default)
101
BK_EN
IPH1
Backpressure enable
1: enable (default),
0: disable
This pin doesn’t set the flow control of MII0 port. MAC_X_EN
sets the flow control of MII0 port.
100
X_EN
IPH1
IEEE802.3X enable
1: enable (default),
0: disable
This pin doesn’t set the flow control of MII0 port. MAC_X_EN
sets the flow control of MII0 port.
97
UPDATE_R4_EN
IPL1
Change capability enable
A full duplex port will change its capability to half duplex, if the
remote full duplex port does not support IEEE802.3x then this
function is enabled. It should be pulled low for normal operation.
1: enable,
0: disable (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60