Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP175ALF-DS-R06 Fiches technique(PDF) 43 Page - List of Unclassifed Manufacturers

No de pièce IP175ALF-DS-R06
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF-DS-R06 Fiches technique(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button IP175ALF-DS-R06 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 46Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
IP175A LF
Preliminary Data Sheet
43/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
ROM
MII
Pin name
Description
(VLAN register 3)
Default
EEPROM registers 11H
11.1
--
--
Port3 VLAN look up table
1: port 1 and port3 are in the same VLAN
0: port 1 and port3 are not in the same VLAN
1’b1
11.0
--
--
Port3 VLAN look up table
1: port 0 and port3 are in the same VLAN
0: port 0 and port3 are not in the same VLAN
1’b1
ROM
MII
Pin name
Description
(VLAN register 4)
Default
EEPROM registers 12H
12.7
--
--
Don’t care
12.6
15.14
--
Port4 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from port4 are handled as high
priority packets.
1’b0
12.5
15.13 P4_high
Port4 set to be high priority port
1: enable, 0: disabled (default)
Packets received from port4 are handled as high priority
packets.
1’b0
12.4
--
--
Don’t care
12.3
--
--
Port4 VLAN look up table
The register defines the ports in the same VLAN with port4.
The bit 0~4 are corresponding to port 0~4.
1: port 3 and port4 are in the same VLAN
0: port 3 and port4 are not in the same VLAN
1’b1
12.2
--
--
Port4 VLAN look up table
1: port 2 and port4 are in the same VLAN
0: port 2 and port4 are not in the same VLAN
1’b1
12.1
--
--
Port4 VLAN look up table
1: port 1 and port4 are in the same VLAN
0: port 1 and port4 are not in the same VLAN
1’b1
12.0
--
--
Port4 VLAN look up table
1: port 0 and port4 are in the same VLAN
0: port 0 and port4 are not in the same VLAN
1’b1
ROM
MII
Pin name
Description
Default
EEPROM registers 13H
13[7:5]
--
--
Don’t care
13.4
--
P4_FORCE
Port4 force mode enable
1: enable force mode
0: disable force mode, port4 NWAY with all capability
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60