Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP175ALF-DS-R06 Fiches technique(PDF) 20 Page - List of Unclassifed Manufacturers

No de pièce IP175ALF-DS-R06
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF-DS-R06 Fiches technique(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button IP175ALF-DS-R06 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP175ALF-DS-R06 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
IP175A LF
Preliminary Data Sheet
20/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
4.2
Router application
IP175A LF supports two MII ports, MII0 and MII1, for router application when P4EXT is pulled high. Pin
P4_FORCE, P4_FORCE100 and P4_FORCE_FULL decide the speed and duplex of MII0. The speed
and duplex of MII1 depend on the result of auto-negotiation of PHY4. But, programming basic MII
registers through SMI can modify them. MAC_X_EN pin decides the flow control option of MII0. It is
illustrated in the following table.
MII0
P4EXT MAC_X_EN P4_FORCE P4_FORCE100 P4_FORCE_FULL
Speed
Duplex
Flow
control
0
X
X
X
X
MII0 disabled.
1
0
1
1
1
100M
Full
Off
1
0
1
1
0
100M
Half
Off
1
0
1
0
1
10M
Full
Off
1
0
1
0
0
10M
Half
Off
1
1
1
1
1
100M
Full
On
1
1
1
1
0
100M
Half
On
1
1
1
0
1
10M
Full
On
X: “don’t care”
IP175A LF can work as a router with 4 LAN ports and one WAN port, which use internal PHY (PHY4).
MII0 is the interface between port4 of internal switch controller and external MAC. MII1 is the interface
between internal transceiver PHY4 and external MAC. The switch controller forwards frames from
port0~3 to MII0 and vice versa. PHY4 works as an independent single PHY for external MAC. MII0 works
at PHY mode in this application (MII_MAC_MOD=0).
MII0
M II1
W A N port
LA N port
PH Y
0
PH Y
1
PH Y
2
PH Y
3
PH Y
4
IP 175A LF
MA C
MA C
CP U
(P H Y m ode)
(L A N )
(W A N )
port 0
port 1
port 2
port 3
port 4
sw itch co n tro lle r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60