Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCMB1 Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 39Page - STMicroelectronics STCMB1 Datasheet HTML 40Page - STMicroelectronics STCMB1 Datasheet HTML 41Page - STMicroelectronics STCMB1 Datasheet HTML 42Page - STMicroelectronics STCMB1 Datasheet HTML 43Page - STMicroelectronics STCMB1 Datasheet HTML 44Page - STMicroelectronics STCMB1 Datasheet HTML 45Page - STMicroelectronics STCMB1 Datasheet HTML 46Page - STMicroelectronics STCMB1 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
DocID028958 Rev 4
43/59
STCMB1
Application information
59
Figure 25. ACP intervention
7.23
HB: Smooth start-up function
The timeshift control allows the prevention of any hard switching at the start-up: it's inherent
in the control methodology to ensure that the half-bridge toggles when the tank current has
the right sign in order for the MOSFETs to achieve soft-switching, which is not ensured by
the usual soft-start procedure.
Sweeping the operating frequency from an initial high value down to the point where the
control loop takes over, which is commonly referred to as soft-start, has a twofold benefit.
On the one hand, since the deliverable power depends inversely on frequency, it
progressively increases the converter's power capability, thus avoiding the excessive inrush
current. On the other hand, it makes the converter to initially work at frequencies higher than
the upper resonance frequency of the LLC tank circuit, which ensures the inductive mode
operation (e.g.: with the tank current lagging the square wave voltage generated by the half-
bridge) and, therefore, soft-switching.
However, the last statement is true under a quasi-static approximation, e.g.: when the
operating point of the resonant tank is slowly varying around steady state condition. This
approximation is not correct during the very first switching cycles of the half-bridge, where
the initial conditions of the tank circuit can be away from those under steady state.
Therefore, hard switching is possible during the transient period needed to reach the slowly
varying steady state condition dictated by the soft-start action. A non-zero initial voltage on
the resonant capacitor Cr and transformer flux imbalance during the previously mentioned
transient period are the possible causes of hard switching in the initial cycles.
In high voltage half-bridge controllers it is customary to start switching activity by turning on
the low-side MOSFET for a preset time to pre-charge the bootstrap capacitor and ensure
proper driving of the high-side MOSFET since the first cycle. In traditional controllers,
normal switching starts right at the end of the pre-charge time, as shown in Figure 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com