Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCMB1 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 28Page - STMicroelectronics STCMB1 Datasheet HTML 29Page - STMicroelectronics STCMB1 Datasheet HTML 30Page - STMicroelectronics STCMB1 Datasheet HTML 31Page - STMicroelectronics STCMB1 Datasheet HTML 32Page - STMicroelectronics STCMB1 Datasheet HTML 33Page - STMicroelectronics STCMB1 Datasheet HTML 34Page - STMicroelectronics STCMB1 Datasheet HTML 35Page - STMicroelectronics STCMB1 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
Application information
STCMB1
32/59
DocID028958 Rev 4
(Figure 16, right-hand side), it is
 = 0, the operating frequency reaches the critical value
fswcm, the switching period is Tswcm = 1/fswcm and TSH = Tswcm / 2.
Therefore, in a properly designed converter the range of TSH is included between Tswmin / 4
and Tswmax / 2, with Tswmax < Tswcm.
Conceptually, with TSC an inner loop is closed, and the outer loop that regulates the output
voltage provides the reference TSH for the inner loop. This is schematically illustrated in
Figure 17.
The feedback variable in the inner loop is the tank current iR, whose zero crossings are used
as the starting point for TSH, while the input quantity to the tank circuit is the applied square
wave voltage vHB. From the control point of view, converter's input voltage Vin can be seen
as a disturbance that affects the inverter block (the half-bridge leg that generates the square
wave voltage applied to the resonant tank).
Figure 17. Dual-loop structure of a resonant converter with TSC
Since the tank circuit responds primarily to the first harmonic of the applied square wave
voltage vHB and negligibly to the higher order harmonics, the inner loop can be analyzed
using the describing function approach. The result of the stability analysis is that the loop is
absolutely stable as long as the control variable is included in the range:
(Tswmin / 4, Tswcm / 2).
The open-loop dynamic behavior of an LLC converter with TSC has been found to be that of
a low Q second-order system, that is, a system with two real, well separated poles.
Therefore, it is possible to use dominant pole approximation at frequencies below crossover
and, from the practical point of view, treat it as a first-order system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com