Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCMB1 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 15Page - STMicroelectronics STCMB1 Datasheet HTML 16Page - STMicroelectronics STCMB1 Datasheet HTML 17Page - STMicroelectronics STCMB1 Datasheet HTML 18Page - STMicroelectronics STCMB1 Datasheet HTML 19Page - STMicroelectronics STCMB1 Datasheet HTML 20Page - STMicroelectronics STCMB1 Datasheet HTML 21Page - STMicroelectronics STCMB1 Datasheet HTML 22Page - STMicroelectronics STCMB1 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
DocID028958 Rev 4
19/59
STCMB1
Application information
59
Figure 7. Conventional COT controlled PFC
Since the slope of the inductor current during the on-time is proportional to the input voltage,
there is a perfect linear relation between the instantaneous AC voltage and the current
drawn by the circuit, which would ideally provide a perfect unity power factor and no
distortion when the on-time is kept constant along a line cycle.
Unfortunately, parasitic elements (essentially, the parasitic capacitance of the drain node,
Cdrain) cause a negative offset in the inductor current shape as can be seen in Figure 8. In
particular, the negative peak current ILvy can be calculated as follows:
Equation 1
Approximating the inductor current with a triangular waveshape, the commanded peak
current is:
Equation 2
and its average value in a switching cycle is:
Equation 3
(x)
The last term “(x)” in Equation 3 is non-sinusoidal (constant) and causes distortion in the
input current.

L
C
sin
V
V
I
drain
pk
_
in
out
Lvy
ON
pk
_
in
Lvy
Lpk
T
L
sin
V
I
I

L
C
V
L
C
sin
V
T
L
sin
V
I
I
I
drain
out
drain
pk
_
in
ON
pk
_
in
Lpk
Lvy
L
2
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com