Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCMB1 Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 36Page - STMicroelectronics STCMB1 Datasheet HTML 37Page - STMicroelectronics STCMB1 Datasheet HTML 38Page - STMicroelectronics STCMB1 Datasheet HTML 39Page - STMicroelectronics STCMB1 Datasheet HTML 40Page - STMicroelectronics STCMB1 Datasheet HTML 41Page - STMicroelectronics STCMB1 Datasheet HTML 42Page - STMicroelectronics STCMB1 Datasheet HTML 43Page - STMicroelectronics STCMB1 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
Application information
STCMB1
40/59
DocID028958 Rev 4
Figure 22. Adaptive dead time generation made more robust
Details of the adaptive dead time generator and its operation are given in the following.
The actual dead time TD that can be observed during the operation does not depend only
on the adjustment circuit of Figure 20 on page 36. This fact can be explained with the aid of
the oscilloscope picture shown in Figure 21 on page 38.
It shows a detailed view of the low-to-high transition of the half-bridge midpoint (waveform
labeled HB) along with the high-side gate drive (HVG) and the low-side gate drive (LVG).
Clearly, the comments that follow apply to the high-to-low transition as well.
There are three contributors to TD:
The turn-off delay tOFF of the power MOSFET, which depends on the input
characteristics of the specific MOSFET and the speed its gate is driven
The transition time TT the half-bridge midpoint takes for a rail-to-rail swing
The detection time tdet that elapses from the end of the half-bridge midpoint swing to
the gate drive signal of the other MOSFET going high; this includes the detection time
as well as the propagation delay along the downstream logic circuitry up to the driver
output.
It is important to point out that the value of TD_MIN specified in the electrical characteristics is
essentially tdet: therefore the minimum observable TD will always be longer. TD_MAX,
instead, is counted starting from the negative-going edge of the gate drive signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com