Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STCMB1 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce STCMB1
Description  TM PFC with X-cap discharge and LLC resonant combo controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCMB1 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button STCMB1 Datasheet HTML 30Page - STMicroelectronics STCMB1 Datasheet HTML 31Page - STMicroelectronics STCMB1 Datasheet HTML 32Page - STMicroelectronics STCMB1 Datasheet HTML 33Page - STMicroelectronics STCMB1 Datasheet HTML 34Page - STMicroelectronics STCMB1 Datasheet HTML 35Page - STMicroelectronics STCMB1 Datasheet HTML 36Page - STMicroelectronics STCMB1 Datasheet HTML 37Page - STMicroelectronics STCMB1 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
Application information
STCMB1
34/59
DocID028958 Rev 4
The network connected to the RFmin pin generally comprises three branches:
1.
A resistor RFmin connected between the pin and ground that determines the minimum
oscillator frequency
2.
A resistor RFmax connected between the pin and the collector of the (emitter-grounded)
phototransistor that transfers the feedback signal from the secondary side back to the
primary side; while in the operation, the phototransistor will modulate the current
through this branch - hence modulating the oscillator frequency - to perform output
voltage regulation; the value of RFmax determines the maximum oscillation frequency
when the phototransistor is fully saturated
3.
An R-C series circuit (CSS + RSS) connected between the pin and ground that enables
to set up a frequency shift at the start-up. Note that the contribution of this branch is
zero during the steady state operation.
Because of the time shift control implementation, the on-time of the half bridge is defined not
only by the oscillator ramp, but also by the time the current takes to arrive to zero from the
switched value, since the oscillator ramp is actually set by the signal at the ISEN_HB pin
crossing zero.
In the end, the oscillator frequency is always twice the half bridge frequency, being its period
given by the sum of the time the tank current, sensed at the ISEN_HB pin, takes from its
switched value to its zero crossing and the time length of the ramp, that is defined by the
external capacitor on the CF pin and by the current the control loop pulls from the RFMIN
pin.
From this point, we will refer to the switching frequency of the half-bridge, it being
understood that the oscillator frequency is always twice as much.
Figure 19. Oscillator waveforms and their relationship with gate-driving signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com