Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC705PL4B Fiches technique(PDF) 19 Page - Freescale Semiconductor, Inc

No de pièce 68HC705PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4B Fiches technique(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4B Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
MEMORY
REV 2.0
2-3
ADDR
REGISTER
ACCESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
$0000
Port A Data
R
PA6
PA5
PA4
PA3
PA2
PA1
PA0
PORTA
W
$0001
Port B Data
R
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
PORTB
W
$0002
Port C Data
R
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
PORTC
W
$0003
RESERVED
R
W
$0004
RESERVED
R
W
$0005
Port A Data Direction
R
DDRA6 DDRA5 DDRA4 DDRA3 DDRA2 DDRA1 DDRA0
DDRA
W
$0006
Port B Data Direction
R
DDRB7 DDRB6 DDRB5 DDRB4 DDRB3 DDRB2 DDRB1 DDRB0
DDRB
W
$0007
Port C Data Direction
R
DDRC7 DDRC6 DDRC5 DDRC4 DDRC3 DDRC2 DDRC1 DDRC0
DDRC
W
$0008
RESERVED
R
W
$0009
RESERVED
R
W
$000A
Pull-up Enable
R
PUL7
PUL6
PUL5
PUL4
PUL3
PUL2
PUL1
PUL0
PUER
W
$000B
Keyboard Int. Enable
R
KIE3
KIE2
KIE1
KIE0
KIER
W
$000C
Keyboard Int. Flag
R
KIF3
KIF2
KIF1
KIF0
KIFR
W
$000D
Timer 8 Ctrl/Status
R
T8IF
0
T8IE
T8EN
PS2
PS1
PS0
T8CSR
W
T8IFR
$000E
Timer 8 Counter
R
T8CNT7 T8CNT6 T8CNT5 T8CNT4 T8CNT3 T8CNT2 T8CNT1 T8CNT0
T8CNTR
W
$000F
DAC Ctrl and Data
R
DACEN
DA5
DA4
DA3
DA2
DA1
DA0
DACDR
W
Figure 2-3. I/O Registers $0000-$000F
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com