Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC705PL4B Fiches technique(PDF) 34 Page - Freescale Semiconductor, Inc

No de pièce 68HC705PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4B Fiches technique(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4B Datasheet HTML 30Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 31Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 32Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 33Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 34Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
RESETS
MC68HC05PL4
5-2
REV 2.0
A 4064 tCYC (internal clock cycle) delay after the oscillator becomes active allows
the clock generator to stabilize. If the RESET pin is at logic zero at the end of the
multiple tCYC time, the MCU remains in the reset condition until the signal on the
RESET pin goes to a logic one.
POR - Power on Reset Flag
The POR bit is set each time the device is powered on. It allows the user to
make a software distinction between a power-on and an external reset. POR
can be cleared by software by writing a ‘0’ to the bit. It cannot be set by soft-
ware.
5.2
EXTERNAL RESET
A logic zero applied to the RESET pin for 1.5tCYC generates an external reset.
This pin is connected to a Schmitt trigger input gate to provide an upper and lower
threshold voltage separated by a minimum amount of hysteresis. The external
reset occurs whenever the RESET pin is pulled below the lower threshold and
remains in reset until the RESET pin rises above the upper threshold. This active
low input will generate the internal RST signal that resets the CPU and peripher-
als.
The RESET pin can also act as an open drain output. It will be pulled to a low
state by an internal pulldown device that is activated by three internal reset
sources. This RESET pulldown device will only be asserted for 3-4 cycles of the
internal clock, fOP, or as long as the internal reset source is asserted. When the
external RESET pin is asserted, the pulldown device will not be turned on.
NOTE
Do not connect the RESET pin directly to VDD, as this may overload some power
supply designs when the internal pulldown on the RESET pin activates.
5.3
INTERNAL RESETS
The four internally generated resets are the initial power-on reset function, the
COP Watchdog timer reset, the low voltage reset, and the illegal address detector.
Only the COP Watchdog timer reset, low voltage reset and illegal address detec-
tor will also assert the pulldown device on the RESET pin for the duration of the
reset function or 3-4 internal clock cycles, whichever is longer.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MICSR R
IRQEN
IRQS
TCMPEN TCAPEN
LED
COPON
POR
$001C W
RESET
00000000
Figure 5-2. Miscellaneous Control and Status Register (MICSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com