Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC705PL4B Fiches technique(PDF) 63 Page - Freescale Semiconductor, Inc

No de pièce 68HC705PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4B Fiches technique(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4B Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 60Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 61Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 62Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 64Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 65Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
8-BIT TIMER
REV 2.0
10-1
SECTION 10
8-BIT TIMER
This section describes the 8-bit count down timer module.
10.1
OVERVIEW
Figure 10-1. Timer8 Block Diagram
As shown in Figure 10-1 this timer contains a single 8-bit software programmable
countdown timer counter with a 3-bit software control prescaler. The counter’s
value may be preset under software control and counts down to zero. When the
counter decrements to zero, the timer8 interrupt request bit (T8IF in T8CR) is set.
Then if the timer interrupt is enabled (T8IE in T8CR is set) and the I-bit of the con-
dition code register are is cleared, the processor receives an interrupt. After com-
pletion of the current instruction, the processor proceeds to store the appropriate
registers on the stack and then fetches the timer8 interrupt vector in order to begin
serving the interrupt.
Interrupt Circuit
Timer8 Counter Register ($0E)
T8IF T8IFR T8IE
T8EN PS2 PS1 PS0
Timer8 Control and Status Register ($0D)
Overflow
Detect
Circuit
8-bit count-down timer counter
7-bit prescaler counter
Prescaler
Select
Logic
(8 to 1 MUX)
8
8
8
8
Internal
Bus Clock
To COP
Watchdog
Circuit
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com