Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC705PL4B Fiches technique(PDF) 17 Page - Freescale Semiconductor, Inc

No de pièce 68HC705PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4B Fiches technique(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4B Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 17Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
MEMORY
REV 2.0
2-1
SECTION 2
MEMORY
This section describes the organization of the memory on the MC68HC05PL4.
2.1
MEMORY MAP
The CPU can address 8k-bytes of memory space as shown in Figure 2-1. The
ROM portion of the memory holds the program instructions, xed data, user
de ned v ectors, and interrupt service routines. The RAM portion of memory holds
variable data. I/O registers are memory mapped so that the CPU can access their
locations in the same way that it accesses all other memory locations.
Figure 2-1. MC68HC05PL4 Memory Map
I/O REGISTERS
32 BYTES
USER RAM
256 BYTES
UNUSED
USER ROM
4096 BYTES
SELF-CHECK ROM
496 BYTES
$0000
$001F
$0020
$011F
$0120
$0DFF
$0E00
$1DFF
$1E00
$1FEF
$1FFF
$1FF0
$00C0
$00FF
STACK
64 BYTES
USER VECTORS
16 BYTES
RESERVED
RESERVED
KEYBOARD
8-BIT TIMER
16-BIT TIMER
IRQ
SWI
RESET
$1FF0-$1FF1
$1FF2-$1FF3
$1FF4-$1FF5
$1FF6-$1FF7
$1FF8-$1FF9
$1FFA-$1FFB
$1FFC-$1FFD
$1FFE-$1FFF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com