Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC705PL4B Fiches technique(PDF) 46 Page - Freescale Semiconductor, Inc

No de pièce 68HC705PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4B Fiches technique(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4B Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705PL4B Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
INPUT/OUTPUT PORTS
MC68HC05PL4
7-2
REV 2.0
Table 7-1. I/O Pin Functions
7.1.1 Port Data Registers
Each port I/O pin has a corresponding bit in the Port Data Register. When a port
I/O pin is programmed as an output the state of the corresponding data register bit
determines the state of the output pin.
When a port pin is programmed as an input, any read of the Port Data Register
will return the logic state of the corresponding I/O pin. The locations of the Data
Registers for Port A, B, and C are at $0000, $0001 and $0002. The Port Data
Registers are unaffected by reset.
7.1.2 Port Data Direction Registers
Each port I/O pin may be programmed as an input by clearing the corresponding
bit in the DDR, or programmed as an output by setting the corresponding bit in the
DDR. The DDR for Port A, B, and C are located at $0005, $0006 and $0007. The
DDRs are cleared by reset.
NOTE
A “glitch” can be generated on an I/O pin when changing it from an input to an
output unless the data register is rst preconditioned to the desired state before
changing the corresponding DDR bit from a zero to a one.
7.2
PORT A
Port A is an 7-bit bidirectional port, with pins shared with other modules. The
Port A Data Register is at address $0000 and the Data Direction Register is at
address $0005. Port pins PA5 and PA6 are high current sink pins; see Electrical
Speci cations section f or values.
Pin PA0 is only available on MC68HC05PL4. OSC2 replaces PA0 on
MC68HC05PL4B.
Pin PA1 becomes the DTMF output from the DAC when the DACEN bit is set in
the DAC Control and Data Register ($000F).
Pins PA2 and PA3 become the 16-bit timer TCAP and TCMP respectively, when
TCAPEN and TCMPEN are set in the Miscellaneous Control/Status Register
($001C).
R/W
DDR
I/O Pin Functions
0
0
The I/O pin is in input mode. Data is written into the output data latch.
0
1
Data is written into the output data latch and output to the I/O pin.
1
0
The state of the I/O pin is read.
1
1
The I/O pin is in an output mode. The output data latch is read.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com