Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPSD3422EB40U6T Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 32Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 33Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 34Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 35Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 36Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 37Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 38Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 39Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 293 page
background image
Special function registers (SFR)
uPSD34xx
36/293
DA
RESERVED
DB
S1SETU
P
SS_EN
SMPL_SET[6:0]
00
Table 59
DC
S1CON
CR2
EN1
STA
STO
ADDR
AA
CR1
CR0
00
Table 54
DD
S1STA
GC
STOP
INTR
TX_MD
B_BUSY
B_LOST
ACK_R
SLV
00
Table 56
DE
S1DAT
S1DAT[7:0]
00
Table 57
DF
S1ADR
S1ADR[7:0]
00
Table 58
E0(1)
A
A[7:0]
<bit addresses: E7h, E6h, E5h, E4h, E3h, E2h, E1h, E0h>
00
Section
7.4
E1
RESERVED
E2
UADDR
–
USBADDR[6:0]
00
E3
UPAIR
–
–
–
–
PR3OUT
PR1OUT
PR3IN
PR1IN
00
E4
UIE0
–
–
–
–
RSTIE
SUSPND
IE
EOPIE
RES
UMIE
00
E5
UIE1
–
–
–
IN4IE
IN3IE
IN2IE
IN1IE
IN0IE
00
E6
UIE2
–
–
–
OUT4IE
OUT3IE
OUT2IE
OUT1IE
OUT0IE
00
E7
UIE3
–
–
–
NAK4IE
NAK3IE
NAK2IE
NAK1IE
NAK0IE
00
E8
UIF0
GLF
INF
OUTF
NAKF
RSTF
SUSPND
F
EOPF
RESUM
F
00
E9
UIF1
–
–
–
IN4F
IN3F
IN2F
IN1F
IN0F
00
EA
UIF2
–
–
–
OUT4F
OUT3F
OUT2F
OUT1F
OUT0F
00
EB
UIF3
–
–
–
NAK4F
NAK3F
NAK2F
NAK1F
NAK0F
00
EC
UCTL
–
–
–
–
–
USBEN
VISIBLE
WAKEU
P
00
ED
USTA
–
–
–
–
RCVT
SETUP
IN
OUT
00
EE
RESERVED
EF
USEL
DIR
–
–
–
–
EP[2:0]
00
F0(1)
B
B[7:0]
<bit addresses: F7h, F6h, F5h, F4h, F3h, F2h, F1h, F0h>
00
Section
7.5
F1
UCON
–
–
–
–
ENABLE
STALL
TOGGLE
BSY
08
F2
USIZE
–
SIZE[6:0]
00
F3
UBASEH
BASEADDR[15:8]
00
F4
UBASEL
BASEADDR[7:6]
0
0
0
0
0
0
00
F5
USCI
–
–
–
–
–
USCI[2:0]
00
F6
USCV
USCV[7:0]
00
Table 5.
SFR memory map with direct address and reset value
Bit Name and <Bit Address>
76
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More