Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPSD3422EB40U6T Fiches technique(PDF) 65 Page - STMicroelectronics

No de pièce UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Fiches technique(HTML) 65 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 61Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 62Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 63Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 64Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 65Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 66Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 67Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 68Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 293 page
background image
uPSD34xx
Power saving modes
65/293
Table 24.
MCU Module Port and Peripheral Status during Reduced Power Modes
Note:
1
The Watchdog Timer is not active during Idle Mode. Other supervisor functions are active:
LVD, external reset, JTAG Debug reset.
Table 25.
State of 8032 MCU Bus Signals during Power-down and Idle Modes
Mode
Ports 1, 3, 4
SPI, I2C,
UART0,1
PCA,
TIMER
0,1,2
USB
ADC
EXT
INT0,1
SUPER-
VISORY
Idle
Maintain
Data
Active
Active
Active
Active
Active
Active(1)
Power-
down
Maintain
Data
Disabled
Disabled
Disabled
Disabled
Disabled
Disabled
Mode
ALE
PSEN_
RD_
WR_
AD0-7
A8-15
Idle
0
1
1
1
FFh
FFh
Power-down
0
1
1
1
FFh
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More