| Moteur de recherche de fiches techniques de composants électroniques |
|
UPSD3422EB40U6T Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6T Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 293 page ![]() uPSD34xx Pin descriptions 13/293 Table 2. Pin definitions Port Pin Signal Name 80-Pin No. 52-Pin No.(1) In/Out Function Basic Alternate 1 Alternate 2 MCUAD0 AD0 36 N/A I/O External Bus Multiplexed Address/Data bus A0/D0 MCUAD1 AD1 37 N/A I/O Multiplexed Address/Data bus A1/D1 MCUAD2 AD2 38 N/A I/O Multiplexed Address/Data bus A2/D2 MCUAD3 AD3 39 N/A I/O Multiplexed Address/Data bus A3/D3 MCUAD4 AD4 41 N/A I/O Multiplexed Address/Data bus A4/D4 MCUAD5 AD5 43 N/A I/O Multiplexed Address/Data bus A5/D5 MCUAD6 AD6 45 N/A I/O Multiplexed Address/Data bus A6/D6 MCUAD7 AD7 47 N/A I/O Multiplexed Address/Data bus A7/D7 P1.0 T2 ADC0 52 34 I/O General I/O port pin Timer 2 Count input (T2) ADC Channel 0 input (ADC0) P1.1 T2X ADC1 54 35 I/O General I/O port pin Timer 2 Trigger input (T2X) ADC Channel 1 input (ADC1) P1.2 RxD1 ADC2 56 36 I/O General I/O port pin UART1 or IrDA Receive (RxD1) ADC Channel 2 input (ADC2) P1.3 TXD1 ADC3 58 37 I/O General I/O port pin UART or IrDA Transmit (TxD1) ADC Channel 3 input (ADC3) P1.4 SPICLK ADC4 59 38 I/O General I/O port pin SPI Clock Out (SPICLK) ADC Channel 4 input (ADC4) P1.5 SPIRxD ADC5 60 39 I/O General I/O port pin SPI Receive (SPIRxD) ADC Channel 5 input (ADC5) P1.6 SPITXD ADC6 61 40 I/O General I/O port pin SPI Transmit (SPITxD) ADC Channel 6 input (ADC6) P1.7 SPISEL ADC7 64 41 I/O General I/O port pin SPI Slave Select (SPISEL) ADC Channel 7 input (ADC7) |