Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD7203F Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TPD7203F
Description  Power MOSFET Gate Driver for 3-Phase DC Motor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7203F Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TPD7203F_07 Datasheet HTML 1Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 2Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 3Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 4Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 5Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 6Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 7Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 8Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TPD7203F
2006-10-31
3
Pin Description
Pin No.
Symbol
Pin Description
1
COSC
This pin sets the oscillation frequency for the charge pump drive.
Connect a 1500 pF (recommended) capacitor.
2
ROSC
This pin sets the oscillation frequency for the charge pump drive.
Connect a 100 k
Ω (recommended) resistor.
3
IN5
Input pin: it controls the power MOSFET connected to VB. Built-in pull-down resistor
(100 k
Ω typ.)
4
IN6
Input pin: it controls the power MOSFET connected to WB. Built-in pull-down resistor
(100 k
Ω typ.)
5
IN1
Input pin: it controls the power MOSFET connected to UU. Built-in pull-down resistor
(100 k
Ω typ.)
6
IN2
Input pin: it controls the power MOSFET connected to VU. Built-in pull-down resistor
(100 k
Ω typ.)
7
IN3
Input pin: it controls the power MOSFET connected to WU. Built-in pull-down resistor
(100 k
Ω typ.)
8
IN4
Input pin: it controls the power MOSFET connected to UB. Built-in pull-down resistor
(100 k
Ω typ.)
9
FAULT
Diagnosis output pin: when low-voltage 6 V (typ.) is detected, output “H”. Circuit configuration is
N-ch open drain.
10
SGND
Signal block GND pin
11
CP1
Capacitor pin for charge pump
Connect a 0.47
μF (recommended) laminated ceramic capacitor.
12
CP2
Capacitor pin for charge pump
Connect a 0.47
μF (recommended) laminated ceramic capacitor.
13
VDD
Power supply pin: when low voltage (6 V typ.) is detected, all outputs are shut down.
14
WB
Drives the power MOSFET connected to the low side of the W phase.
15
PGND
Power block GND pin
16
VB
Drives the power MOSFET connected to the low side of the V phase.
17
UB
Drives the power MOSFET connected to the low side of the U phase.
18
WU
Drives the power MOSFET connected to the high side of the W phase.
19
W
W phase output pin
20
VU
Drives the power MOSFET connected to the high side of the V phase.
21
V
V phase output pin
22
UU
Drives the power MOSFET connected to the high side of the U phase.
23
U
U phase output pin
24
CPV
Final stage capacitor for the charge pump
Connect 1
μF (recommended) laminated ceramic capacitor and 10 μF (recommended) aluminum
electrolytic capacitor in parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com