Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD7203F Fiches technique(PDF) 16 Page - Toshiba Semiconductor

No de pièce TPD7203F
Description  Power MOSFET Gate Driver for 3-Phase DC Motor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7203F Fiches technique(HTML) 16 Page - Toshiba Semiconductor

Back Button TPD7203F_07 Datasheet HTML 11Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 12Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 13Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 14Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 15Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 16Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 17Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 18Page - Toshiba Semiconductor TPD7203F_07 Datasheet HTML 19Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
TPD7203F
2006-10-31
16
Method for Selecting External Parts
Pin
No.
Pin Name
Type
Recommended Value /
Recommended Product
Description
1
COSC
Capacitor
1500 pF (ceramic)
Sets the charge pump oscillation frequency.
2
ROSC
Resistor
100 k
Ω
Sets the charge pump oscillation frequency.
11
12
CP1
CP2
Capacitor
0.47
μF
(laminated ceramic )
Capacitor for the charge pump: The greater this capa-
citance, the larger the charging current to the capa-
citor and the greater the loss in the IC.
24
CPV
Capacitor
1
μF (laminated ceramic) and
10
μF (aluminum electrolytic )
connected in parallel
The greater this capacitance, the larger the current
supply capacity of the charge pump (CPV pin) but the
greater the loss in the IC. Take care not to exceed the
allowable loss.
11
12
24
CP1
CP2
CPV
High-speed
iode
trr = 100 ns (max)
CRH01 (trr = 35 ns max)
recommended
Diode for the charge pump. An electric charge equal
to the diode's Qrr component goes out of the capa-
citor's
charged
electricity.
Therefore,
use
a
high-speed diode. Diode for the charge pump: An
electric charge equal to the Qrr component of the
diode goes out of the electrical charge of the
capacitor. Therefore use a high-speed diode.
22
20
18
17
16
14
UU
VU
WU
UB
VB
WB
Resistor
Gate resistor for external power MOSFET. Choose
the optimum value by considering the switching loss
and EMI of the power MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com